Electronic Components Datasheet Search
  English  ▼

X  

S3F82NB Datasheet(PDF) 4 Page - Zilog, Inc.

Part # S3F82NB
Description  S3 Family 8-Bit Microcontrollers
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

S3F82NB Datasheet(HTML) 4 Page - Zilog, Inc.

  S3F82NB Datasheet HTML 1Page - Zilog, Inc. S3F82NB Datasheet HTML 2Page - Zilog, Inc. S3F82NB Datasheet HTML 3Page - Zilog, Inc. S3F82NB Datasheet HTML 4Page - Zilog, Inc. S3F82NB Datasheet HTML 5Page - Zilog, Inc. S3F82NB Datasheet HTML 6Page - Zilog, Inc. S3F82NB Datasheet HTML 7Page - Zilog, Inc. S3F82NB Datasheet HTML 8Page - Zilog, Inc. S3F82NB Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 361 page
background image
PS031601-0813
P R E L I M I N A R Y
S3F82NB
Product Specification
1
PRODUCT OVERVIEW
S3C8-SERIES MICROCONTROLLERS
Samsung's S3C8 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range
of integrated peripherals, and various mask-programmable ROM sizes. Among the major CPU features are:
— Efficient register-oriented architecture
— Selectable CPU clock sources
— Idle and Stop power-down mode release by interrupts
— Built-in basic timer with watchdog function
A sophisticated interrupt structure recognizes up to eight interrupt levels. Each level can have one or more
interrupt sources and vectors. Fast interrupt processing (within a minimum of four CPU clocks) can be assigned to
specific interrupt levels.
S3F82NB MICROCONTROLLER
The S3F82NB single-chip CMOS microcontrollers
are fabricated using the highly advanced CMOS
process, based on Samsung’s newest CPU
architecture.
The S3F82NB is a microcontroller with a 64K-byte
Flash ROM embedded.
Using a proven modular design approach, Samsung
engineers have successfully developed the
S3F82NB by integrating the following peripheral
modules with the powerful SAM8 core:
— Eleven programmable I/O ports, including ten 8-
bit ports, and one 3-bit port, for a total of 83 pins
— Twelve bit-programmable pins for external
interrupts
— One 8-bit basic timer for oscillation stabilization
and watchdog functions (system reset)
— One 8-bit timer/counter and One 16-bit
timer/counter with selectable operating modes
— Watch timer for real time
— LCD Controller/driver
— A/D converter with 8 selectable input pins
— Synchronous SIO modules
— Comparator
They are currently available in 128-pin QFP package
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com