Electronic Components Datasheet Search
  English  ▼

X  

S3F82NB Datasheet(PDF) 6 Page - Zilog, Inc.

Part # S3F82NB
Description  S3 Family 8-Bit Microcontrollers
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

S3F82NB Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button S3F82NB Datasheet HTML 2Page - Zilog, Inc. S3F82NB Datasheet HTML 3Page - Zilog, Inc. S3F82NB Datasheet HTML 4Page - Zilog, Inc. S3F82NB Datasheet HTML 5Page - Zilog, Inc. S3F82NB Datasheet HTML 6Page - Zilog, Inc. S3F82NB Datasheet HTML 7Page - Zilog, Inc. S3F82NB Datasheet HTML 8Page - Zilog, Inc. S3F82NB Datasheet HTML 9Page - Zilog, Inc. S3F82NB Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 361 page
background image
PS031601-0813
P R E L I M I N A R Y
S3F82NB
Product Specification
FEATURES (Continued)
Operating Voltage Range
•
1.8 V to 5.5 V at 0.4
 4.2 MHz
•
2.2 V to 5.5 V at 0.4
 12.0 MHz
Operating Temperature Range
•
 40qC to + 85qC
Package Type
•
128-QFP-1420
Smart Option
•
Low Voltage Reset (LVR) enable/disable and
AVREF or P1.0/INT0 selection are at your
hardwired option (ROM address 3FH)
•
ISP related option selectable
(ROM address 3EH)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com