Electronic Components Datasheet Search
  English  ▼

X  

PA101 Datasheet(PDF) 7 Page - Tyco Electronics

Part # PA101
Description  Versatile Power Entry Module with Small Footprint
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PA101 Datasheet(HTML) 7 Page - Tyco Electronics

  PA101 Datasheet HTML 1Page - Tyco Electronics PA101 Datasheet HTML 2Page - Tyco Electronics PA101 Datasheet HTML 3Page - Tyco Electronics PA101 Datasheet HTML 4Page - Tyco Electronics PA101 Datasheet HTML 5Page - Tyco Electronics PA101 Datasheet HTML 6Page - Tyco Electronics PA101 Datasheet HTML 7Page - Tyco Electronics PA101 Datasheet HTML 8Page - Tyco Electronics PA101 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
198
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
P Series
Versatile Power Entry Module with Small Footprint (continued)
Case Styles (continued)
Shield Options
Recommended Panel Cutout
“B”
“A”
.06
1.524
R
.135
3.43
Mounting Hole Diameter
Cutout
1.575
40.00
PE
2.496
63.40
PM
Style
Dimension “A”
+.008 - .000
Dimension “B”
+.008 - .000
No Shield
Shielded
High Performance
Standard
High Performance
PM
1.06 [26.92]
1.12 [28.45]
1.12 [28.45]
2.13 [54.10]
2.201 [55.91]
PE
1.12 [28.45]
1.12 [28.45]
1.15 [29.21]
2.201 [55.91]*
2.201 [55.91]
PS
1.06 [26.92]
1.12 [28.45]
-
2.201 [55.91]*
-
PSC
1.06 [26.92]
1.12 [28.45]
-
2.52 [64.01]
-
PSJ
1.06 [26.92]
1.12 [28.45]
-
2.60 [66.04]
-
PSL
1.12 [28.45]
-
-
2.201 [55.91]*
-
Note:
For snap-in applications, the “A” sides must have a .020 [.508] radius on the installation side.
Dimensions are for front mount applications. Rear mount dimensions should be determined based on customer’s application
parameters. Snap-in models allow for front mounting only. Not recommended for use in plastic panels.
Note:
Shields can only be used with filtered models. B shield may not be used with J or C extender
*For panel thickness of 0.031 - 0.079 [0.787 - 2.01] only. Use 2.213 [56.21] for panel thickness of 0.083 - 0.114 [2.0 - 2.90]
“A” Shield
“B” Shield
2.19
55.63
2.19
55.63



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com