Electronic Components Datasheet Search
  English  ▼

X  

PA101 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PA101
Description  Versatile Power Entry Module with Small Footprint
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PA101 Datasheet(HTML) 1 Page - Tyco Electronics

  PA101 Datasheet HTML 1Page - Tyco Electronics PA101 Datasheet HTML 2Page - Tyco Electronics PA101 Datasheet HTML 3Page - Tyco Electronics PA101 Datasheet HTML 4Page - Tyco Electronics PA101 Datasheet HTML 5Page - Tyco Electronics PA101 Datasheet HTML 6Page - Tyco Electronics PA101 Datasheet HTML 7Page - Tyco Electronics PA101 Datasheet HTML 8Page - Tyco Electronics PA101 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
P Series
P Series
Versatile Power Entry Module with Small Footprint
192
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
VDE Approved
PS non-filtered
The P series CHAMELEON power entry module offers
the most popular features in a small footprint design
As the first 10A module to provide all five power
entry functions in one compact design, the
chameleon module readily adapts to its environment
and the needs of international markets.
• Snap-in or flange mounting
• Standard IEC 60321-1 C14 power inlet
• Both North American and metric fusing
capabilities
• Two voltage selection options (for 4-voltage
selection, see the M, L or LA Series)
• Optional DPST on/off switch
• Filter options for general purpose, medical and
high-performance EMI filtering
The CHAMELEON module’s compact design and
modular construction allows selection of the required
power entry feature — without altering the panel
cutout. And the CHAMELEON module, with its
optional adapters, will fit several common panel
cutouts.
Filter Types
The CHAMELEON module has four filter and one
non-filtered option:
S models provide an extended performance two
element circuit EMI filter, with attenuation similar to
the EEB Series power inlet filter. It offers protection
for general purpose applications with stray Line to
Ground and Line to Line noise that must be attenu-
ated at the power inlet. These filters have limited
leakage current and are available in current ratings of
3, 6 and 10A.
H models provide susceptibility protection with
minimal leakage current, and are suitable for patient
care and non-patient care medical equipment.
L models feature a high performance medical filter
designed to help bring most digital equipment
(including switching power supplies) into compliance
with EN55022, Level B (as well as FCC part 15J, Class
B) conducted emissions limits. They are available
with current ratings of 6 and 10A. These high
performance versions are only available with
mounting ears, single voltage selection, in a complete
RFI shield with options for switch, fuses and current
ratings. Mounting extenders are not compatible with
the L or Z models.
Z models provide a high performance three element
differential mode circuit filter, with extended EMI
attenuation similar to the M Series Z models, to help
bring most digital equipment (including switching
power supplies) into compliance with EN55022, Level
B (as well as FCC Part 15J, Class B) conducted emis-
sions limits. They are available with current ratings of
6 and 10A. These high performance versions are only
available with mounting ears, single voltage selection,
in a complete RFI shield with options for switch, fuses
and current ratings. Mounting extenders are not
compatible with the L or Z models. For minimum
depth behind the panel, see the M Series
B models are non-filtered and incorporate an inter-
connection block. The block connects the voltage
selection terminals of an unfiltered CHAMELEON
module with an IEC connector and an optional switch
to reduce external wiring. Compatible with the A or B
RFI shield options.
PE filtered
PS filtered


Similar Part No. - PA101

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA1014 MTRONPTI-PA1014 Datasheet
359Kb / 3P
Solid State High Power Amplifier
logo
List of Unclassifed Man...
PA10148 ETC-PA10148 Datasheet
141Kb / 1P
E/L PLIER PA1014/8 11
PA10148/11 ETC-PA10148/11 Datasheet
141Kb / 1P
E/L PLIER PA1014/8 11
logo
MTRONPTI
PA1016 MTRONPTI-PA1016 Datasheet
855Kb / 3P
Solid State High Power Amplifier
More results

Similar Description - PA101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMI055 ETC2-BMI055 Datasheet
2Mb / 148P
Small, versatile 6DoF sensor module
BMX055 ETC2-BMX055 Datasheet
3Mb / 172P
Small, versatile 9-axis sensor module
FN393-6-05-11 ETC2-FN393-6-05-11 Datasheet
466Kb / 3P
Versatile fi ltered power entry module
logo
Bosch Sensortec GmbH
BMI055 BOSCH-BMI055 Datasheet
3Mb / 149P
Small, versatile 6DoF sensor module
BMX055 BOSCH-BMX055 Datasheet
3Mb / 172P
Small, versatile 9-axis sensor module
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
Versatile Filtered Power Entry Module
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
Ultra Compact and Versatile Filtered Power Entry Module
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
Ultra Compact and Versatile Filtered Power Entry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com