Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual Channel 12-Bit 500 Msps Analog to Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5404 Datasheet HTML 1Page - Texas Instruments ADS5404 Datasheet HTML 2Page - Texas Instruments ADS5404 Datasheet HTML 3Page - Texas Instruments ADS5404 Datasheet HTML 4Page - Texas Instruments ADS5404 Datasheet HTML 5Page - Texas Instruments ADS5404 Datasheet HTML 6Page - Texas Instruments ADS5404 Datasheet HTML 7Page - Texas Instruments ADS5404 Datasheet HTML 8Page - Texas Instruments ADS5404 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
VREF
VCM
GND
INB_N
INB_P
GND
AVDDC
AVDDC
GND
INA_P
INA_N
GND
GND
CLKINP
14
13
SDENB
TEST
MODE
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
CLKINN
13
12
SCLK
SRESET
B
GND
AVDD33
AVDD33
AVDD33
AVDD33
AVDD33
AVDD33
AVDD33
AVDD33
GND
AVDD33
AVDD33
12
11
SDIO
ENABLE
GND
AVDD18
AVDD18
AVDD18
AVDD18
AVDD18
AVDD18
AVDD18
AVDD18
GND
AVDD18
AVDD18
11
10
SDO
IOVDD
GND
AVDD18
GND
GND
GND
GND
GND
GND
AVDD18
GND
NC
NC
10
9
DVDD
DVDD
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
SYNCN
SYNCP
9
8
DVDD
DVDD
DVDD
DVDD
GND
GND
GND
GND
GND
GND
DVDD
DVDD
DVDD
DVDD
8
7
DB0N
DB0P
DVDD
LVDS
DVDD
LVDS
GND
GND
GND
GND
GND
GND
DVDD
LVDS
DVDD
LVDS
NC
NC
7
6
DB1N
DB1P
DVDD
LVDS
DVDD
LVDS
GND
GND
GND
GND
GND
GND
DVDD
LVDS
DVDD
LVDS
NC
NC
6
5
DB2N
DB2P
OVRBN
OVRBP
GND
GND
GND
GND
GND
GND
OVRAN
OVRAP
SYNC
OUTN
SYNC
OUTP
5
4
DB3N
DB3P
DB8P
DB10P
NC
NC
NC
DA0P
DA2P
DA4P
DA6P
DA8P
NC
NC
4
3
DB4N
DB4P
DB8N
DB10N
NC
NC
NC
DA0N
DA2N
DA4N
DA6N
DA8N
DA11N
DA11P
3
2
DB5N
DB5P
DB7P
DB9P
DB11P
SYNC
OUTP
DBCLKP
DACLKP
DA1P
DA3P
DA5P
DA7P
DA10N
DA10P
2
1
DB6N
DB6P
DB7N
DB9N
DB11N
SYNC
OUTN
DBCLKN DACLKN
DA1N
DA3N
DA5N
DA7N
DA9N
DA9P
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
ADS5407
www.ti.com
SLAS934A – MARCH 2013 – REVISED AUGUST 2013
PINOUT INFORMATION
Figure 2. Pinout in DDR output mode (top down view)
PIN ASSIGNMENTS
PIN
I/O
DESCRIPTION
NAME
NUMBER
INPUT/REFERENCE
INA_P/N
K14, L14
I
Analog ADC A differential input signal.
INB_P/N
D14, E14
I
Analog ADC B differential input signal.
Output of the analog input common mode (nominally 1.9V). A 0.1
μF capacitor to AGND is
VCM
B14
O
recommended.
Reference voltage output (2V nominal). A 0.1µF capacitor to AGND is recommended, but not
VREF
A14
O
required.
CLOCK/SYNC
CLKINP/N
P14, P13
I
Differential input clock
Synchronization input. Inactive if logic low. When clocked in a high state initially, this is used
SYNCP/N
P9, N9
I
for resetting internal clocks and digital logic and starting the SYNCOUT signal. Internal 100
Ω
termination.
CONTROL/SERIAL
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS5407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com