Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual Channel 12-Bit 500 Msps Analog to Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 29Page - Texas Instruments ADS5404 Datasheet HTML 30Page - Texas Instruments ADS5404 Datasheet HTML 31Page - Texas Instruments ADS5404 Datasheet HTML 32Page - Texas Instruments ADS5404 Datasheet HTML 33Page - Texas Instruments ADS5404 Datasheet HTML 34Page - Texas Instruments ADS5404 Datasheet HTML 35Page - Texas Instruments ADS5404 Datasheet HTML 36Page - Texas Instruments ADS5404 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
ADS5407
www.ti.com
SLAS934A – MARCH 2013 – REVISED AUGUST 2013
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
2B
0
0
0
0
0
0
0
Temp Sensor
D8-D0
Temp Sensor
Internal temperature sensor value – read only
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
2C
Reset
D15-D0
Reset
This is a software reset to reset all SPI registers to their default value. Self
Default
clears to 0.
0000
1101001011110000
Perform software reset
Register
Register Data
Address
A7-A0 in
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
hex
37
Sleep Modes
0
0
0
0
0
0
0
0
0
0
D15-D14
Sleep Modes
Sleep mode selection which is controlled by the ENABLE pin. Sleep modes are active when
ENABLE pin goes low.
Default 00
000000
Complete shut down
Wake up time 2.5 ms
100000
Stand-by mode
Wake up time 100 µs
110000
Deep sleep mode
Wake up time 20 µs
110101
Light sleep mode
Wake up time 2 µs
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADS5407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com