Electronic Components Datasheet Search
  English  ▼

X  

ADS5403 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5403
Description  Dual Channel 12-Bit 500 Msps Analog to Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5403 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5403 Datasheet HTML 5Page - Texas Instruments ADS5403 Datasheet HTML 6Page - Texas Instruments ADS5403 Datasheet HTML 7Page - Texas Instruments ADS5403 Datasheet HTML 8Page - Texas Instruments ADS5403 Datasheet HTML 9Page - Texas Instruments ADS5403 Datasheet HTML 10Page - Texas Instruments ADS5403 Datasheet HTML 11Page - Texas Instruments ADS5403 Datasheet HTML 12Page - Texas Instruments ADS5403 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ADS5407
www.ti.com
SLAS934A – MARCH 2013 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 500Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OVER-DRIVE RECOVERY ERROR
Recovery to within 5% (of final value) for 6dB
Input overload recovery
2
ns
overload with sine wave input
SAMPLE TIMING CHARACTERISTICS
rms
Aperture Jitter
Sample uncertainty
100
fs rms
ADC sample to digital output, auto correction disabled
38
Clock
Cycles
ADC sample to digital output, auto correction enabled
50
Data Latency
Sampling
ADC sample to digital output, Decimation filter
74
clock
enabled, Auto correction disabled
Cycles
Clock
Over-range Latency
ADC sample to over-range output
12
Cycles
ELECTRICAL CHARACTERISTICS
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1. AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS – SRESET, SCLK, SDENB, SDIO, ENABLE
0.7 x
High-level input voltage
V
IOVDD
All digital inputs support 1.8V and 3.3V logic
levels.
0.3 x
Low-level input voltage
V
IOVDD
High-level input current
–50
200
µA
Low-level input current
–50
50
µA
Input capacitance
5
pF
DIGITAL OUTPUTS – SDO
IOVDD –
ILoad = -100uA
0.2
High-level output voltage
V
0.8 x
ILoad = -2mA
IOVDD
ILoad = 100uA
0.2
Low-level output voltage
V
0.22 x
ILoad = 2mA
IOVDD
DIGITAL INPUTS – SYNCP/N, TRIGGERP/N
VID
Differential input voltage
250
350
450
mV
VCM
Input common mode voltage
1.125
1.2
1.375
V
tSU
500
ps
DIGITAL OUTPUTS – DA[11:0]P/N, DACLKP/N, OVRAP/N, SYNCOUTP/N, TRDYP/N, HRESP/N, DB[11:0]P/N, DBCLKP/N, OVRBP/N,
VOD
Output differential voltage
IOUT = 3.5mA
250
350
450
mV
VOCM
Output common mode voltage
IOUT = 3.5mA
1.125
1.25
1.375
V
tsuA
Fs = 500Msps
Data valid to zero-crossing of DACLK
600
800
ps
Zero-crossing of DACLK to data becoming
thA
Fs = 500Msps
600
790
ps
invalid
tsuB
Fs = 500Msps
Data valid to zero-crossing of DBCLK
700
900
ps
Zero-crossing of DBCLK to data becoming
thB
Fs = 500Msps
500
600
ps
invalid
CLKIN falling edge to DACLK, DBCLK rising
tPD
Fs = 500Msps
3.28
3.48
3.74
ns
edge
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS5407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com