Electronic Components Datasheet Search
  English  ▼

X  

AD5560 Datasheet(PDF) 47 Page - Analog Devices

Part # AD5560
Description  1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD5560 Datasheet HTML 43Page - Analog Devices AD5560 Datasheet HTML 44Page - Analog Devices AD5560 Datasheet HTML 45Page - Analog Devices AD5560 Datasheet HTML 46Page - Analog Devices AD5560 Datasheet HTML 47Page - Analog Devices AD5560 Datasheet HTML 48Page - Analog Devices AD5560 Datasheet HTML 49Page - Analog Devices AD5560 Datasheet HTML 50Page - Analog Devices AD5560 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 47 of 68
Table 18. DPS Register 1
Address
Default
Data Bits, MSB First
0x2
0x0000
Bit
Name
Function
15
SW-INH
This bit enables the force amplifier when high and disables the amplifier when low. This bit is AND’d with the
HW_INH hardware inhibit pin.
14
Reserved
Reserved, set to 0.
13
I[2:0]
Current range addressing. These bits allow selection of the required current range.
12
11
I
Action
0
±5 µA current range.
1
±25 µA current range.
2
±250 µA current range.
3
±2.5 mA current range.
4
±25 mA current range.
5
External Range 2.
6
External Range 1.
7
Reserved.
10
CMP[1:0]
Comparator function. CMP1 acts as a comparator output enable, whereas CMP0 selects between a
comparing DUT current or voltage; by default, the comparators are high-Z on power-on.
9
CMP
Action
0
Comparator outputs high-Z.
1
Comparator outputs high-Z.
2
Compare DUT current.
3
Compare DUT voltage.
8
ME[3:0]
Bits ME[3:0] allow selection of the required measure mode, allowing the MEASOUT line to be disabled;
connect to the temperature sensor or enable it for measurement. ME3 is MEASOUT enable/disable; when
high, MEASOUT is enabled, and ME[2:0] can be used to preselect the measuring parameter. Where a
number of MEASOUT lines are connected together and passed to a common ADC, this function can allow
for much faster measurement time between channels because the slew time of the measurement buffer is
reduced. For details on diagnostic functions, see Address 0x7, the diagnostic register.
7
6
5
ME[2:0]
Action
0
MEASOUT high-Z.
1
Connect MEASOUT to ISENSE.
2
Connect MEASOUT to VSENSE.
3
Connect MEASOUT to KSENSE.
4
Connect MEASOUT to
TSENSE.
5
Connect MEASOUT to DUTGND SENSE.
6
Connect MEASOUT to diagnostic functions: DIAG A (see Address 0x7).
7
Connect MEASOUT to diagnostic functions: DIAG B (see Address 0x7).
4
CLEN
Clamp enable; set high to enable the clamp; set low to disable the clamp. This bit is OR’d with the
hardware CLEN pin.
3:0
Unused
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com