Electronic Components Datasheet Search
  English  ▼

X  

AD5560 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5560
Description  1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5560 Datasheet HTML 5Page - Analog Devices AD5560 Datasheet HTML 6Page - Analog Devices AD5560 Datasheet HTML 7Page - Analog Devices AD5560 Datasheet HTML 8Page - Analog Devices AD5560 Datasheet HTML 9Page - Analog Devices AD5560 Datasheet HTML 10Page - Analog Devices AD5560 Datasheet HTML 11Page - Analog Devices AD5560 Datasheet HTML 12Page - Analog Devices AD5560 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 9 of 68
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SETTLING TIME (FV, MEASURE CURRENT)
Compensation Register 1 = 0x4880 (229 nF to
380 nF, ESR 74 to 140 mΩ)
To within 10 mV of programmed value.
MI (1200 mA EXTFORCE1 Range)1
30
40
µs
3.7 V step, RDUT = 2.4 Ω, CDUT = 0.22 µF, full dc load.
MI (900 mA EXTFORCE1 Range)1
32
42
µs
8 V step, RDUT = 8.8 Ω, CDUT = 0.22 µF, full dc load.
MI (500 mA EXTFORCE2 Range)1
69
95
µs
15 V step, RDUT = 30 Ω, CDUT = 0.22 µF, full dc
load.
MI (300 mA EXTFORCE2 Range)1
70
100
µs
10 V step, RDUT = 33.3 Ω, CDUT = 0.22 µF, full dc load.
MI (25 mA Range)1, 3
650
µs
20 V step, RDUT = 800 Ω, CDUT = 0.22 µF, full dc load.
MI (2.5 mA Range)1, 3
6400
µs
10 V step, RDUT = 4 kΩ, CDUT = 0.22 µF, full dc
load.
MI Buffer Alone1
10
15
µs
0.5 V step using MEASOUT high-Z to within
10 mV of final value.
SETTLING TIME (FV, MEASURE VOLTAGE)
Compensation Register 1 = 0x4880 (229 nF to
380 nF, ESR 74 to 140 mΩ)
To within 10 mV of programmed value.
MV (1200 mA Range)1
16
µs
3.7 V step, RDUT = 2.4 Ω, CDUT = 0.22 µF, full dc load.
MV (900 mA Range)1
20
µs
8 V step, RDUT = 8.8 Ω, CDUT = 0.22 µF, full dc load.
MV (500 mA Range)1
34
µs
15 V step, RDUT = 30 Ω, CDUT = 0.22 µF, full dc
load.
MV (300 mA Range)1
25
µs
10 V step, RDUT = 33.3 Ω, CDUT = 0.22 µF, full dc load.
MV (25 mA Range)1, 3
125
180
µs
20 V step, RDUT = 800 Ω, CDUT = 0.22 µF, full dc load.
MV (2.5 mA Range)1, 3
300
500
µs
10 V step, RDUT = 4 kΩ, CDUT = 0.22 µF, full dc
load.
MV (250 µA Range)1, 3
300
500
µs
10 V step, RDUT = 40 kΩ, CDUT = 0.22 µF, full dc load.
MV Buffer Alone1
2
5
µs
10 V step using MEASOUT high-Z to within
10 mV of final value.
SETTLING TIME (FV) SAFE MODE
To within 100 mV of programmed value.
FV (1200 mA EXTFORCE1 Range1
25
µs
3.7 V step, RDUT = 3.1 Ω, CDUT = 0.22 µF, full dc load.
FV (180 mA EXTFORCE1 Range)1
303
µs
3 V step, RDUT = 16 Ω, CDUT = 0. 22 µF to 20 μF, full
dc load.
FV (100 mA EXTFORCE2 Range)1
660
µs
8 V step, RDUT = 33.3 Ω, CDUT = 0. 22 µF to 20 μF,
full dc load.
FV (25 mA Range)1, 3
760
1000
µs
20 V step, RDUT = 400 Ω, CDUT = 0.22 µF, full dc load.
SWITCHING TRANSIENTS
Range Change Transient1
0.5
% of FV
CDUT = 10 μF, changing from higher to adjacent
lower ranges (except EXTFORCE1 to EXTFORCE2).
20
mV
CDUT = 10 μF, changing from lower (5 µA) to
higher range (EXTFORCE1).
0.5
% of FV
CDUT = 100 μF, changing between all ranges.
DAC SPECIFICATIONS
Force/Comparator/Offset DACs
Resolution
16
Bits
Voltage Output Span
−22
+25
V
VREF = 5 V, minimum and maximum values set
by offset DAC.
Differential Nonlinearity1
−1
+1
LSB
Guaranteed monotonic.
Offset DAC
Gain Error
−20
+20
mV
Clamp DAC
CLL < CLH.
Resolution
16
Bits
Voltage Output Span
−22
+25
V
VREF = 5 V, minimum and maximum values set
by offset DAC.
Differential Nonlinearity1
−1
+1
LSB
Guaranteed monotonic.
OSD DAC
Resolution
16
Bits
Voltage Output Span
0.62
5
V
VREF = 5 V.
Differential Nonlinearity1
−2
+2
LSB
DGS DAC
Resolution
16
Bits
Voltage Output Span
0
5
V
VREF = 5 V.
Differential Nonlinearity1
−2
+2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com