Electronic Components Datasheet Search
  English  ▼

X  

ADCLK905 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCLK905
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK905 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCLK905 Datasheet HTML 2Page - Analog Devices ADCLK905 Datasheet HTML 3Page - Analog Devices ADCLK905 Datasheet HTML 4Page - Analog Devices ADCLK905 Datasheet HTML 5Page - Analog Devices ADCLK905 Datasheet HTML 6Page - Analog Devices ADCLK905 Datasheet HTML 7Page - Analog Devices ADCLK905 Datasheet HTML 8Page - Analog Devices ADCLK905 Datasheet HTML 9Page - Analog Devices ADCLK905 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCLK905/ADCLK907/ADCLK925
Rev. 0 | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
D
2
D
3
NC
4
NC
11 Q
12 Q
10 NC
9NC
ADCLK905
TOP VIEW
(Not to Scale)
Figure 4. ADCLK905 Pin Configuration
Table 4. Pin Function Descriptions for 1:1 ADCLK905 Buffer
Pin No.
Mnemonic
Description
1
D
Noninverting Input.
2
D
Inverting Input.
3, 4, 5, 6,
9, 10
NC
No Connect. No physical connection to the die.
7, 14
VEE
Negative Supply Voltage.
8, 13
VCC
Positive Supply Voltage.
11
Q
Inverting Output.
12
Q
Noninverting Output.
15
VREF
Reference Voltage. Reference voltage for biasing ac-coupled inputs.
16
VT
Center Tap. Center tap of 100 Ω input resistor.
Heat Sink
NC
No Connect. The metallic back surface of the package is not electrically connected to any part of the circuit.
It can be left floating for optimal electrical isolation between the package handle and the substrate of the die.
It can also be soldered to the application board if improved thermal and/or mechanical stability is desired.
Exposed metal at the corners of the package is connected to this back surface. Allow sufficient clearance
to vias and other components.
PIN 1
INDICATOR
1
D1
2
D1
3
D2
4
D2
11 Q1
12 Q1
10 Q2
9Q2
ADCLK907
TOP VIEW
(Not to Scale)
Figure 5. ADCLK907 Pin Configuration
Table 5. Pin Function Descriptions for Dual 1:1 ADCLK907 Buffer
Pin No.
Mnemonic
Description
1
D1
Noninverting Input 1.
2
D1
Inverting Input 1.
3
D2
Noninverting Input 2.
4
D2
Inverting Input 2.
5
VT2
Center Tap 2. Center tap of 100 Ω input resistor, Channel 2.
6
VREF2
Reference Voltage 2. Reference voltage for biasing ac-coupled inputs, Channel 2.
7, 14
VEE
Negative Supply Voltage.
8, 13
VCC
Positive Supply Voltage. Pin 8 and Pin 13 are not strapped internally.
9
Q2
Inverting Output 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com