Electronic Components Datasheet Search
  English  ▼

X  

ADCLK905 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCLK905
Description  Ultrafast SiGe ECL Clock/Data Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK905 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCLK905 Datasheet HTML 4Page - Analog Devices ADCLK905 Datasheet HTML 5Page - Analog Devices ADCLK905 Datasheet HTML 6Page - Analog Devices ADCLK905 Datasheet HTML 7Page - Analog Devices ADCLK905 Datasheet HTML 8Page - Analog Devices ADCLK905 Datasheet HTML 9Page - Analog Devices ADCLK905 Datasheet HTML 10Page - Analog Devices ADCLK905 Datasheet HTML 11Page - Analog Devices ADCLK905 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADCLK905/ADCLK907/ADCLK925
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.3 V, VEE = 0.0 V, TA = 25°C, outputs terminated 50 Ω to VCC − 2 V, unless otherwise noted.
Q
Q
1.37V
200ps/DIV
2.37V
Figure 7. Output Waveform, VCC = 3.3 V
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
f (Hz)
AGILENT E5500
CARRIER: 122.88MHz
NO SPURS
Figure 8. Phase Noise at 122.88 MHz
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
f (Hz)
AGILENT E5500
CARRIER: 245.76MHz
NO SPURS
Figure 9. Phase Noise at 245.76 MHz
Q
Q
100ps/DIV
1.37V
2.37V
Figure 10. Output Waveform, VCC = 3.3 V
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
f (Hz)
AGILENT E5500
CARRIER: 622.08MHz
NO SPURS
Figure 11. Phase Noise at 622.08 MHz
0
50
100
150
200
250
300
0
1234567
8
INPUT SLEW RATE (V/ns)
Figure 12. RMS Jitter vs. Input Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com