Electronic Components Datasheet Search
  English  ▼

X  

ADG1636 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG1636
Description  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1636 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG1636 Datasheet HTML 8Page - Analog Devices ADG1636 Datasheet HTML 9Page - Analog Devices ADG1636 Datasheet HTML 10Page - Analog Devices ADG1636 Datasheet HTML 11Page - Analog Devices ADG1636 Datasheet HTML 12Page - Analog Devices ADG1636 Datasheet HTML 13Page - Analog Devices ADG1636 Datasheet HTML 14Page - Analog Devices ADG1636 Datasheet HTML 15Page - Analog Devices ADG1636 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADG1636
Rev. A | Page 16 of 16
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 33. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC.
1
0.65
BSC
0.60 MAX
PIN 1
INDICATOR
1.95 BCS
0.50
0.40
0.30
0.25 MIN
3.75
BSC SQ
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
4.00
BSC SQ
2.65
2.50 SQ
2.35
16
5
13
8
9
12
4
EXPOSED
PAD
BOTTOM VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 34. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad (CP-16-13)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG1636BRUZ1
−40°C to +125°C
16- Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG1636BRUZ-REEL1
−40°C to +125°C
16- Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG1636BRUZ-REEL71
−40°C to +125°C
16- Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG1636BCPZ- REEL1
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-13
ADG1636BCPZ-REEL71
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-16-13
1 Z = RoHS Compliant Part.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07983-0-9/09(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com