Electronic Components Datasheet Search
  English  ▼

X  

ADG1636 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1636
Description  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1636 Datasheet(HTML) 3 Page - Analog Devices

  ADG1636 Datasheet HTML 1Page - Analog Devices ADG1636 Datasheet HTML 2Page - Analog Devices ADG1636 Datasheet HTML 3Page - Analog Devices ADG1636 Datasheet HTML 4Page - Analog Devices ADG1636 Datasheet HTML 5Page - Analog Devices ADG1636 Datasheet HTML 6Page - Analog Devices ADG1636 Datasheet HTML 7Page - Analog Devices ADG1636 Datasheet HTML 8Page - Analog Devices ADG1636 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG1636
Rev. A | Page 3 of 16
SPECIFICATIONS
±5 V DUAL SUPPLY
VDD = +5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
1
Ω typ
VS = ±4.5 V, IS = −10 mA; see Figure 23
1.2
1.4
1.6
Ω max
VDD = ±4.5 V, VSS = ±4.5 V
On Resistance Match Between Channels (∆RON)
0.04
Ω typ
VS = ±4.5 V, IS = −10 mA
0.08
0.09
0.1
Ω max
On Resistance Flatness (RFLAT(ON))
0.2
Ω typ
VS = ±4.5 V, IS = −10 mA
0.25
0.29
0.34
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off )
±0.1
nA typ
VS = ±4.5 V, VD =
∓4.5 V; see Figure 24
±0.25
±1
±4
nA max
Drain Off Leakage, ID (Off )
±0.1
nA typ
VS = ±4.5V, VD =
∓4.5 V; see Figure 24
±0.25
±2
±10
nA max
Channel On Leakage, ID, IS (On)
±0.3
nA typ
VS = VD = ±4.5 V; see Figure 25
±0.6
±2
±12
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
130
ns typ
RL = 300 Ω, CL = 35 pF
209
245
273
ns max
VS = 2.5 V; see Figure 30
tON (EN)
119
ns typ
RL = 300 Ω, CL = 35 pF
148
166
176
ns max
VS = 2.5 V; see Figure 30
tOFF (EN)
182
ns typ
RL = 300 Ω, CL = 35 pF
228
259
281
ns max
VS = 2.5 V; see Figure 30
Break-Before-Make Time Delay, tD
30
ns typ
RL = 300 Ω, CL = 35 pF
17
ns min
VS1 = VS2 = 2.5 V; see Figure 31
Charge Injection
130
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 32
Off Isolation
70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 26
Channel-to-Channel Crosstalk
90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Total Harmonic Distortion + Noise (THD + N)
0.007
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to 20 kHz;
see Figure 29
−3 dB Bandwidth
25
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 27
CS (Off )
68
pF typ
VS = 0 V, f = 1 MHz
CD (Off )
127
pF typ
VS = 0 V, f = 1 MHz
CD, CS (On)
220
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
VDD/VSS
±3.3/±8
V min/max
1 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com