Electronic Components Datasheet Search
  English  ▼

X  

PS9306L2 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9306L2
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9306L2 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9306L2 Datasheet HTML 2Page - California Eastern Labs PS9306L2 Datasheet HTML 3Page - California Eastern Labs PS9306L2 Datasheet HTML 4Page - California Eastern Labs PS9306L2 Datasheet HTML 5Page - California Eastern Labs PS9306L2 Datasheet HTML 6Page - California Eastern Labs PS9306L2 Datasheet HTML 7Page - California Eastern Labs PS9306L2 Datasheet HTML 8Page - California Eastern Labs PS9306L2 Datasheet HTML 9Page - California Eastern Labs PS9306L2 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PS9306L,PS9306L2
Chapter Title
9
1
f
o
6
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
7
1
0
0
S
D
8
0
R
Nov 10, 2011
ELECTRICAL CHARACTERISTICS (TA = −40 to +110°C, VCC = 10 to 30 V, IF (ON) = 8 to
12 mA, VF (OFF) = −2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25°C
1.2
1.56
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25°C
10
μA
Input Capacitance
CIN
f = 1 MHz, VF = 0 V, TA = 25°C
30
pF
Detector
High Level Output Current
IOH
VO = (VCC − 4 V)
*2
0.2
A
VO = (VCC − 10 V)
*3
0.4
0.5
Low Level Output Current
IOL
VO = (VEE + 2.5 V)
*2
0.2
0.4
A
VO = (VEE + 10 V)
*3
0.4
0.5
High Level Output Voltage
VOH
IO = −100 mA
*4
VCC − 4.0 VCC − 1.8
V
Low Level Output Voltage
VOL
IO
V
0
.
1
4
.
0
A
m
0
0
1
=
High Level Supply Current
ICCH
IF = 10 mA, IO = 0 mA
0.7
3.0
mA
Low Level Supply Current
ICCL
IF = 0 mA, IO = 0 mA
1.2
3.0
mA
Coupled
Threshold Input Current
(L → H)
IFLH
IO = 0 mA, VO > 5 V
7.0
mA
Threshold Input Voltage
(H → L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
Isolation Capacitance
CI-O
VF = 0 V, f = 1 MHz, TA = 25°C
0.7
pF
Notes: *1. Typical values at TA = 25°C, VCC − VEE = 30 V.
*2. Maximum pulse width = 50 μs, Maximum duty cycle = 0.5%.
*3. Maximum pulse width = 10 μs, Maximum duty cycle = 0.2%.
*4. VOH is measured with the DC load current in this testing.
<R>
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com