Electronic Components Datasheet Search
  English  ▼

X  

PS9306L2 Datasheet(PDF) 16 Page - California Eastern Labs

Part # PS9306L2
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9306L2 Datasheet(HTML) 16 Page - California Eastern Labs

Back Button PS9306L2 Datasheet HTML 12Page - California Eastern Labs PS9306L2 Datasheet HTML 13Page - California Eastern Labs PS9306L2 Datasheet HTML 14Page - California Eastern Labs PS9306L2 Datasheet HTML 15Page - California Eastern Labs PS9306L2 Datasheet HTML 16Page - California Eastern Labs PS9306L2 Datasheet HTML 17Page - California Eastern Labs PS9306L2 Datasheet HTML 18Page - California Eastern Labs PS9306L2 Datasheet HTML 19Page - California Eastern Labs PS9306L2 Datasheet HTML 20Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PS9306L,PS9306L2
Chapter Title
9
1
f
o
6
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
7
1
0
0
S
D
8
0
R
Nov 10, 2011
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
0
6
2
er
ut
ar
e
p
m
et
w
ol
fe
r
k
a
e
P
•
°
C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220°C
60 seconds or less
• Time to preheat temperature from 120 to 180°C
120±30 s
e
er
h
T
s
w
ol
fe
r
fo
re
b
m
u
N
•
x
ul
f
e
h
T
(
e
ni
ro
lh
c
fo
tn
u
o
m
a
ll
a
m
s
g
ni
ni
at
n
o
c
x
ul
f
ni
s
o
R
x
ul
F
•
with a maximum chlorine content of 0.2 Wt% is
recommended.)
120±30 s
(preheating)
220°C
180°C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260°C MAX.
120°C
(2) Wave soldering
• Temperature
260°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions 120°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature) 350°C or below
ss
el
ro
s
d
n
o
c
es
3
)s
ni
p
h
c
a
e(
e
m
i
T
•
a
ht
i
w
x
ul
f
e
h
T
(
e
ni
ro
lh
c
fo
tn
u
o
m
a
ll
a
m
s
g
ni
ni
at
n
o
c
x
ul
f
ni
s
o
R
x
ul
F
•
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output at startup, the output
transistor may enter the on state, even if the voltage is within the absolute maximum ratings.
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com