Electronic Components Datasheet Search
  English  ▼

X  

JC030B-M Datasheet(PDF) 18 Page - General Semiconductor

Part # JC030B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

JC030B-M Datasheet(HTML) 18 Page - General Semiconductor

Back Button JC030B-M Datasheet HTML 12Page - General Semiconductor JC030B-M Datasheet HTML 13Page - General Semiconductor JC030B-M Datasheet HTML 14Page - General Semiconductor JC030B-M Datasheet HTML 15Page - General Semiconductor JC030B-M Datasheet HTML 16Page - General Semiconductor JC030B-M Datasheet HTML 17Page - General Semiconductor JC030B-M Datasheet HTML 18Page - General Semiconductor JC030B-M Datasheet HTML 19Page - General Semiconductor JC030B-M Datasheet HTML 20Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
JC030-Series Power Modules:
Data Sheet
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
March 26, 2008
18
Lineage Power
Recommended Hole Pattern
Component-side footprint.
Dimensions are in millimeters and (inches).
8-716(C).l
Ordering Information
Table 4. Device Codes
Optional features may be ordered using the device code suffixes shown below. To order more than one option, list
suffixes in numerically descending order followed by the -M suffix indicating metric (M3 x 0.5) heat sink hardware.
The heat sinks designed for this package have an M prefix, i.e., MHSTxxx40, see Thermal Management JC- and
JW-Series 30 W Board-Mounted Power Modules (TN97-016EPS).
Please contact your
Lineage Power Account Manager or Field Application Engineer for pricing and availability.
Table 5. Device Options
Input
Voltage
Output
Voltage
Output
Power
Device
Code
Comcode
24 V
2 V
13 W
JC030D-M
108272170
24 V
5 V
30 W
JC030A-M
107587719
24 V
12 V
30 W
JC030B-M
107587735
24 V
15 V
30 W
JC030C-M
107587768
Option
Device Code Suffix
Short pins: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
8
Negative remote on/off logic
1
10.16
(0.400)
10.16
(0.400)
25.40
(1.000)
35.56
(1.400)
12.7 (0.50)
4.8
(0.19)
MODULE OUTLINE
5.1 (0.20)
48.26 (1.900)
TERMINALS
48.3 (1.90)
50.8
(2.00)
17.78
(0.700)
25.40
(1.000)
35.56
(1.400)
1
2
3
4
5
6
7
8
9
MOUNTING INSERTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com