Electronic Components Datasheet Search
  English  ▼

X  

JC030B-M Datasheet(PDF) 3 Page - General Semiconductor

Part # JC030B-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

JC030B-M Datasheet(HTML) 3 Page - General Semiconductor

  JC030B-M Datasheet HTML 1Page - General Semiconductor JC030B-M Datasheet HTML 2Page - General Semiconductor JC030B-M Datasheet HTML 3Page - General Semiconductor JC030B-M Datasheet HTML 4Page - General Semiconductor JC030B-M Datasheet HTML 5Page - General Semiconductor JC030B-M Datasheet HTML 6Page - General Semiconductor JC030B-M Datasheet HTML 7Page - General Semiconductor JC030B-M Datasheet HTML 8Page - General Semiconductor JC030B-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
JC030-Series Power Modules:
March 26, 2008
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
Lineage Power
3
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device or Suffix
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 24 V; IO = IO, max; TC = 25 °C)
JC030D-M
JC030A-M
JC030B-M
JC030C-M
VO, set
VO, set
VO, set
VO, set
1.96
4.95
11.82
14.77
2.0
5.0
12.0
15.0
2.04
5.05
12.18
15.23
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all operating input voltage,
resistive load, and temperature
conditions until end of life. See Figure
21.)
JC030D-M
JC030A-M
JC030B-M
JC030C-M
VO
VO
VO
VO
1.90
4.85
11.64
14.55
—
—
—
—
2.10
5.15
12.36
15.45
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = 18 V to 36 V)
Load (IO = IO, min to IO, max)
Temperature (See Figures 2—5.)
(TC = –40 °C to +100 °C)
All
All
JC030D-M
A-M, B-M, C-M
—
—
—
—
—
—
—
—
0.05
0.05
0.3
0.5
0.1
0.2
1.0
1.5
%VO
%VO
%VO
%VO
Output Ripple and Noise Voltage
(See Figure 20.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
JC030A-M, D-M
JC030B-M, C-M
JC030A-M, D-M
JC030B-M, C-M
—
—
—
—
—
—
—
—
—
—
—
—
20
25
150
200
mVrms
mVrms
mVp-p
mVp-p
Output Current
(At IO < IO, min, the modules may exceed
output ripple specifications.)
JC030D-M
JC030A-M
JC030B-M
JC030B-M
JC030C-M
IO
IO
IO
IO, trans
IO
0.6
0.6
0.3
—
0.2
—
—
—
—
—
6.5
6.0
2.5
3.0
2.0
A
A
A
A
A
Output Current-limit Inception
(VO = 90% of VO, nom; see Figures 7—9.)
JC030D-M
JC030A-M
JC030B-M
JC030C-M
IO
IO
IO
IO
—
—
—
—
8.0
6.9
3.6
2.5
—
—
—
—
A
A
A
A
Output Short-circuit Current
(VO = 250 mV)
JC030D-M
JC030A-M
JC030B-M
JC030C-M
—
—
—
—
—
—
—
—
8.0
8.0
4.0
3.0
11.0
9.5
5.5
4.5
A
A
A
A
Efficiency
(VI = 24 V; IO = IO, max; TC = 25 °C; see
Figures 11—13 and 21.)
JC030D-M
JC030A-M
JC030B-M,C-M
η
η
η
67
78
78
69
80
83
—
—
—
%
%
%
Switching Frequency
All
—
—
250
—
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com