Electronic Components Datasheet Search
  English  ▼

X  

LC010C Datasheet(PDF) 5 Page - General Semiconductor

Part # LC010C
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010C Datasheet(HTML) 5 Page - General Semiconductor

  LC010C Datasheet HTML 1Page - General Semiconductor LC010C Datasheet HTML 2Page - General Semiconductor LC010C Datasheet HTML 3Page - General Semiconductor LC010C Datasheet HTML 4Page - General Semiconductor LC010C Datasheet HTML 5Page - General Semiconductor LC010C Datasheet HTML 6Page - General Semiconductor LC010C Datasheet HTML 7Page - General Semiconductor LC010C Datasheet HTML 8Page - General Semiconductor LC010C Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Lineage Power
5
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Efficiency
(VI = VI, nom; IO = IO, max; TA = 25 °C;
see Figures 15—28, 35, and 37.)
LC015D
LC015F
LC015A
LC015B, C
LC010D, G*
LC010F
LC010A, B, C
LC010AJ, BK, CL
LW015D
LW015F
LW015A
LW015B, C
LW010D, G*
LW010F
LW010A, B, C
LW010AJ, BK, CL
η
η
η
η
η
η
η
η
η
η
η
η
η
η
η
η
64
74
77
73
65
71
75
75
66
76
79
75
67
73
77
77
67
77
80
76
68
75
79
78
69
79
82
78
70
76
81
80
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
%
%
%
%
%
%
%
%
%
%
%
%
%
%
%
%
Efficiency
(VI = VI, nom; IO = 2 A; TA = 25 °C;
see Figures 15, 18, 22, and 25.)
LC015F
LC015A
LW015F
LW015A
η
η
η
η
—
—
—
—
79
82
82
84
—
—
—
—
%
%
%
%
Switching Frequency
All
—
—
265
—
kHz
Dynamic Response
(for duals: IO1 or IO2 = IO, max;
ΔIO/Δt = 1A/10 µs; VI = VI, nom;
TA = 25 °C; see Figures 29 and 30.):
Load Change from IO = 50% to 75%
of IO, max:
Peak Deviation
Settling Time
(VO < 10% of peak deviation)
Load Change from IO = 50% to 25%
of IO, max:
Peak Deviation
Settling Time
(VO < 10% of peak deviation)
All
All
All
All
—
—
—
—
—
—
—
—
2
0.8
2
0.8
—
—
—
—
%VO, set
ms
%VO, set
ms
* For a 2.5 V output, use the 2 V output module (D code) with an output voltage trim pin (optional feature).
Table 3. Isolation Specifications
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
—
600
—
pF
Isolation Resistance
10
—
—
M
Ω
Table 2. Output Specifications (continued)
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Electrical Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com