Electronic Components Datasheet Search
  English  ▼

X  

LC010C Datasheet(PDF) 14 Page - General Semiconductor

Part # LC010C
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010C Datasheet(HTML) 14 Page - General Semiconductor

Back Button LC010C Datasheet HTML 10Page - General Semiconductor LC010C Datasheet HTML 11Page - General Semiconductor LC010C Datasheet HTML 12Page - General Semiconductor LC010C Datasheet HTML 13Page - General Semiconductor LC010C Datasheet HTML 14Page - General Semiconductor LC010C Datasheet HTML 15Page - General Semiconductor LC010C Datasheet HTML 16Page - General Semiconductor LC010C Datasheet HTML 17Page - General Semiconductor LC010C Datasheet HTML 18Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
14
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Test Configurations
8-203(C)
Note: Input reflected-ripple current is measured with a simulated
source impedance of 12 µH. Capacitor Cs offsets possible
battery impedance. Current is measured at the input of the
module.
Figure 33. Input Reflected-Ripple Test Setup
8-513(C).g
Note: Use two 0.47 µF ceramic capacitors. Scope measurement
should be made using a BNC socket. Position the load
between 50 mm and 75 mm (2 in. and 3 in.) from the module.
Figure 34. Peak-to-Peak Output Noise
Measurement Test Setup for Single
Outputs
8-204(C)
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to
avoid measurement errors due to socket contact resistance.
Figure 35. Output Voltage and Efficiency
Measurement Test Setup for Single
Outputs
8-808(C).d
Note: Use four 0.47 µF ceramic capacitors. Scope measurement
should be made using a BNC socket. Position the load
between 50 mm and 75 mm (2 in. and 3 in.) from the module.
Figure 36. Peak-to-Peak Output Noise
Measurement Test Setup for Dual
Outputs
8-863(C).a
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to
avoid measurement errors due to socket contact resistance.
Figure 37. Output Voltage and Efficiency
Measurement Test Setup for Dual
Outputs
TO OSCILLOSCOPE
12 µH
CS 220 µF
IMPEDANCE < 0.1
Ω
@ 20 ˚C, 100 kHz
VI(+)
VI(-)
BATTERY
33 µF
CURRENT
PROBE
LTEST
VO(+)
VO(–)
0.47 µF
RESISTIVE
LOAD
SCOPE
COPPER STRIP
0.47 µF
VI(+)
VI(-)
VO(+)
VO(-)
II
IO
SUPPLY
CONTACT RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
η
VO(+) VO(–)
–
[]IO
VI(+) VI(–)
–
[]II
------------------------------------------------
⎝⎠
⎛⎞ 100
×
=
VO1(+ )
VO2(-)
0.47 µF
0.47 µF
SCOPE
COPPER STRIP
SCOPE
COM
RLOAD1
RLOAD2
0.47 µF
0.47 µF
VI(+)
II
IO
SUPPLY
CONTACT
RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
VI(-)
VO1
VO2
COM
LOAD
η
VOJ
COM
–
[]IOJ
J1
=
2
∑
VI
+
() VI –
()
–
[]II
--------------------------------------------------- x100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com