Electronic Components Datasheet Search
  English  ▼

X  

LC010BK Datasheet(PDF) 18 Page - General Semiconductor

Part # LC010BK
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010BK Datasheet(HTML) 18 Page - General Semiconductor

Back Button LC010BK Datasheet HTML 14Page - General Semiconductor LC010BK Datasheet HTML 15Page - General Semiconductor LC010BK Datasheet HTML 16Page - General Semiconductor LC010BK Datasheet HTML 17Page - General Semiconductor LC010BK Datasheet HTML 18Page - General Semiconductor LC010BK Datasheet HTML 19Page - General Semiconductor LC010BK Datasheet HTML 20Page - General Semiconductor LC010BK Datasheet HTML 21Page - General Semiconductor LC010BK Datasheet HTML 22Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
18
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Thermal Considerations (continued)
8-1377(C).a
Figure 44. LC015 Forced Convection Power
Derating; Either Orientation
8-1376(C).a
Figure 45. LW015 Forced Convection Power
Derating; Either Orientation
8-1382(C)
Note: The power dissipation of this unit is shown at TC = TC, max
because the efficiency of this power module drops at high
temperatures.
Figure 46. LC015A Power Dissipation at Maximum
Case Temperature
8-1808(C)
Figure 47. LC015B, C Typical Power Dissipation vs.
Normalized Output Current at TC = 25 °C
10
20
30
40
50
60
70
0
80
90 100 110 120
0
3.5
1.5
1
0.5
2
4.5
4
2.5
3
5
MAX AMBIENT TEMPERATURE, TA (˚C)
NATURAL CONVECTION
3.0 ms-1 (600 ft./min.)
1.0 ms-1 (200 ft./min.)
2.0 ms-1 (400 ft./min.)
MAXIMUM CASE TEMPERATURE
50
60
70
80
90
100
0
3.5
1.5
1
0.5
2
4.5
4
2.5
3
5
MAX AMBIENT TEMPERATURE, TA (˚C)
110
40
MAXIMUM CASE TEMPERATURE
2.0 ms-1 (400 ft./min.)
3.0 ms-1 (600 ft./min.)
1.0 ms-1 (200 ft./min.)
NATURAL CONVECTION
3.5
2.5
2.0
1.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0
4.0
OUTPUT CURRENT, IO (A)
0.5
3.0
3.0
1.0
VI = 20 V
VI = 27 V
VI = 36 V
VI = 18 V
4.5
0.16
0.32
0.48
0.64
0.80
0
3
NORMALIZED OUTPUT CURRENT (IO/IO, max)
2
4
0.00
1
0.96
5
6
VI = 36 V
VI = 27 V
VI = 18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com