Electronic Components Datasheet Search
  English  ▼

X  

LC010BK Datasheet(PDF) 22 Page - General Semiconductor

Part # LC010BK
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010BK Datasheet(HTML) 22 Page - General Semiconductor

Back Button LC010BK Datasheet HTML 16Page - General Semiconductor LC010BK Datasheet HTML 17Page - General Semiconductor LC010BK Datasheet HTML 18Page - General Semiconductor LC010BK Datasheet HTML 19Page - General Semiconductor LC010BK Datasheet HTML 20Page - General Semiconductor LC010BK Datasheet HTML 21Page - General Semiconductor LC010BK Datasheet HTML 22Page - General Semiconductor LC010BK Datasheet HTML 23Page - General Semiconductor LC010BK Datasheet HTML 24Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Outline Diagram
Dimensions are in millimeters and (inches).
Tolerance: x.x ± 0.5 mm (0.020 in.); x.xx ± 0.38 mm (0.015 in.).
If slightly lower height is needed, the four standoffs can be dropped through holes on the user’s PWB. By dropping
the standoffs through the PWB, the module height will be decreased to 9.5 mm (0.375 in.) typical height.
8-1329(C).b
* An optional short pin dimension is 2.8 mm ± 0.25 mm (0.110 in. ± 0.010 in.).
Top View
Side View
Bottom View
PinFunctionPinFunction
1VI(–)
4
VO(+) or VO1(+)
2VI(+)
5
COMMON (dual outputs) or
TRIM (optional on single outputs)
Pin is not present on single outputs unless
option is specified.
Pin is always present on dual outputs.
3
ON/OFF or SYNC (optional)
Pin is not present unless one of these
options is specified.
6VO(–) or VO2(–)
0.51
(0.020)
10.16 (0.400)
MAX
5.84 (0.230)*
MIN
0.63 (0.025) x 0.63 (0.025)
SQUARE PIN,
ALL PLACES
STANDOFF
DIAMETER 0.63 (0.025)
TYP, 4 PLACES
6
4
3
2
1
15.2
(0.60)
20.32 (0.800)
2.54
(0.100)
5.08
(0.200)
12.7
(0.500)
0.32 (0.0125)
TYP
7.62 (0.300)
24.77
(0.975)
5
10.16
(0.400)
27.9 (1.10)
9.91
(0.39)
7.62
(0.300)
25.4
(1.00)
50.8 (2.00)
+
-
+
-
OUT
IN
LC015A
DC-DC Power Module
IN:DC 18-36V, 1.1A
OUT:DC 5V, 3A
MADE IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com