Electronic Components Datasheet Search
  English  ▼

X  

LC010CL Datasheet(PDF) 20 Page - General Semiconductor

Part # LC010CL
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010CL Datasheet(HTML) 20 Page - General Semiconductor

Back Button LC010CL Datasheet HTML 16Page - General Semiconductor LC010CL Datasheet HTML 17Page - General Semiconductor LC010CL Datasheet HTML 18Page - General Semiconductor LC010CL Datasheet HTML 19Page - General Semiconductor LC010CL Datasheet HTML 20Page - General Semiconductor LC010CL Datasheet HTML 21Page - General Semiconductor LC010CL Datasheet HTML 22Page - General Semiconductor LC010CL Datasheet HTML 23Page - General Semiconductor LC010CL Datasheet HTML 24Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
20
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Thermal Considerations (continued)
8-1383(C)
Note: The power dissipation of this unit is shown at TC = TC, max
because the efficiency of this power module drops at high
temperatures.
Figure 53. LW015A Power Dissipation at Maximum
Case Temperature
8-1814(C)
Figure 54. LW015B, C Typical Power Dissipation vs.
Normalized Output Current at TC = 25 °C
8-1815(C)
Figure 55. LW010D, LW015D Typical Power
Dissipation vs. Output Current at
TC = 25 °C
8-2109(C)
Figure 56. LW010D9 Typical Power Dissipation vs.
Output Current at TC = 25 °C with Output
Voltage Trimmed Up to 2.5 V
8-1385(C)
Note: The power dissipation of this unit is shown at TC = TC, max
because the efficiency of this power module drops at high
temperatures.
Figure 57. LW015F Power Dissipation at Maximum
Case Temperature
0.0
0.5
1.0
1.5
2.0
3.0
0.0
3.0
3.5
4.0
4.5
OUTPUT CURRENT, IO (A)
2.5
2.0
0.5
2.5
VI = 48 V
VI = 60 V
VI = 75 V
1.0
1.5
VI = 36 V
0.19
0.33
0.50
0.83
0.66
1.00
0.0
3.0
NORMALIZED OUTPUT CURRENT (IO/IO, max)
2.0
1.5
2.5
4.0
0.05
3.5
1.0
0.5
4.5
5.0
VI = 36 V
VI = 48 V
VI = 60 V
VI = 75 V
1.0
0.0
2.0
3.0
3.5
0.5
1.5
2.5
0.5
1.0
1.5
2.0
2.5
3.0
0.0
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 48 V
VI = 60 V
VI = 75 V
0.4
0.6
0.8
1.0
1.2
1.4
2.0
0.2
1.6
1.8
0.0
0.5
2.1
1.7
1.5
1.9
2.5
2.3
1.3
1.1
0.9
0.7
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 75 V
VI = 48 V
0.0
0.5
1.0
1.5
2.0
3.0
0.0
3.0
3.5
OUTPUT CURRENT, IO (A)
2.5
2.0
0.5
2.5
VI = 75 V
VI = 48 V
VI = 60 V
1.0
1.5
VI = 36 V
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com