Electronic Components Datasheet Search
  English  ▼

X  

AD9512 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9512
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9512 Datasheet HTML 33Page - Analog Devices AD9512 Datasheet HTML 34Page - Analog Devices AD9512 Datasheet HTML 35Page - Analog Devices AD9512 Datasheet HTML 36Page - Analog Devices AD9512 Datasheet HTML 37Page - Analog Devices AD9512 Datasheet HTML 38Page - Analog Devices AD9512 Datasheet HTML 39Page - Analog Devices AD9512 Datasheet HTML 40Page - Analog Devices AD9512 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
AD9512
Rev. A | Page 37 of 48
REGISTER MAP AND DESCRIPTION
SUMMARY TABLE
Table 17. AD9512 Register Map
Addr
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Def.
Value
(Hex)
Notes
00
Serial
Control Port
Configuration
SDO Inactive
(Bidirectional
Mode)
LSB
First
Soft
Reset
Long
Instruction
Not Used
10
01 to
33
Not Used
FINE DELAY
ADJUST
Fine
Delays
Bypassed
34
Delay Bypass 4
Not Used
Bypass
01
Bypass
Delay
35
Delay
Full-Scale 4
Not Used
Ramp Capacitor <5:3>
Ramp Current <2:0>
00
Max. Delay
Full-Scale
36
Delay Fine
Adjust 4
Not Used
5-Bit Fine Delay <5:1>
Not Used
00
Min. Delay
Value
37, 38,
39, 3A,
3B, 3C
Not Used
OUTPUTS
3D
LVPECL OUT0
Not Used
Output Level
<3:2>
Power-Down
<1:0>
08
ON
3E
LVPECL OUT1
Not Used
Output Level
<3:2>
Power-Down
<1:0>
08
ON
3F
LVPECL OUT2
Not Used
Output Level
<3:2>
Power-Down
<1:0>
08
ON
40
LVDS_CMOS
OUT 3
Not Used
CMOS
Inverted
Driver On
Logic
Select
Output Level
<2:1>
Output
Power
02
LVDS, ON
41
LVDS_CMOS
OUT 4
Not Used
CMOS
Inverted
Driver On
Logic
Select
Output Level
<2:1>
Output
Power
02
LVDS, ON
42, 43,
44
Not Used
CLK1 AND
CLK2
Input
Receivers
45
Clocks Select,
Power-Down
(PD) Options
Not Used
CLKs
in
PD
Not Used
Not
Used
CLK2
PD
CLK1
PD
Select
CLK IN
01
All Clocks
ON, Select
CLK1
46, 47,
48, 49
Not Used
DIVIDERS
4A
Divider 0
Low Cycles <7:4>
High Cycles <3:0>
00
Divide by 2
4B
Divider 0
Bypass
No
Sync
Force
Start H/L
Phase Offset <3:0>
00
Phase = 0
4C
Divider 1
Low Cycles <7:4>
High Cycles <3:0>
11
Divide by 4
4D
Divider 1
Bypass
No
Sync
Force
Start H/L
Phase Offset <3:0>
00
Phase = 0
4E
Divider 2
Low Cycles <7:4>
High Cycles <3:0>
33
Divide by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com