Electronic Components Datasheet Search
  English  ▼

X  

AD9512 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9512
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9512 Datasheet HTML 34Page - Analog Devices AD9512 Datasheet HTML 35Page - Analog Devices AD9512 Datasheet HTML 36Page - Analog Devices AD9512 Datasheet HTML 37Page - Analog Devices AD9512 Datasheet HTML 38Page - Analog Devices AD9512 Datasheet HTML 39Page - Analog Devices AD9512 Datasheet HTML 40Page - Analog Devices AD9512 Datasheet HTML 41Page - Analog Devices AD9512 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD9512
Rev. A | Page 38 of 48
Addr
(Hex)
Parameter
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Def.
Value
(Hex)
Notes
4F
Divider 2
Bypass
No
Sync
Force
Start H/L
Phase Offset <3:0>
00
Phase = 0
50
Divider 3
Low Cycles <7:4>
High Cycles <3:0>
00
Divide by 2
51
Divider 3
Bypass
No
Sync
Force
Start H/L
Phase Offset <3:0>
00
Phase = 0
52
Divider 4
Low Cycles <7:4>
High Cycles <3:0>
11
Divide by 4
53
Divider 4
Bypass
No
Sync
Force
Start H/L
Phase Offset <3:0>
00
Phase = 0
54, 55,
56, 57
Not Used
FUNCTION
58
FUNCTION
Pin and Sync
Not
Used
Set FUNCTION
Pin
PD Sync
PD All
Ref
Sync
Reg
Sync
Select
Sync
Enable
00
FUNCTION
Pin =
RESETB
59
Not Used
5A
Update
Registers
Not Used
Update
Registers
00
Self-
Clearing
Bit
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com