Electronic Components Datasheet Search
  English  ▼

X  

AD9512-PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9512-PCB
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512-PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9512-PCB Datasheet HTML 3Page - Analog Devices AD9512-PCB Datasheet HTML 4Page - Analog Devices AD9512-PCB Datasheet HTML 5Page - Analog Devices AD9512-PCB Datasheet HTML 6Page - Analog Devices AD9512-PCB Datasheet HTML 7Page - Analog Devices AD9512-PCB Datasheet HTML 8Page - Analog Devices AD9512-PCB Datasheet HTML 9Page - Analog Devices AD9512-PCB Datasheet HTML 10Page - Analog Devices AD9512-PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9512
Rev. A | Page 7 of 48
CLOCK OUTPUT PHASE NOISE
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK1-TO-LVPECL ADDITIVE PHASE NOISE
CLK1 = 622.08 MHz, OUT = 622.08 MHz
Input slew rate > 1 V/ns
Divide Ratio = 1
@ 10 Hz Offset
−125
dBc/Hz
@ 100 Hz Offset
−132
dBc/Hz
@ 1 kHz Offset
−140
dBc/Hz
@ 10 kHz Offset
−148
dBc/Hz
@ 100 kHz Offset
−153
dBc/Hz
>1 MHz Offset
−154
dBc/Hz
CLK1 = 622.08 MHz, OUT = 155.52 MHz
Divide Ratio = 4
@ 10 Hz Offset
−128
dBc/Hz
@ 100 Hz Offset
−140
dBc/Hz
@ 1 kHz Offset
−148
dBc/Hz
@ 10 kHz Offset
−155
dBc/Hz
@ 100 kHz Offset
−161
dBc/Hz
>1 MHz Offset
−161
dBc/Hz
CLK1 = 622.08 MHz, OUT = 38.88 MHz
Divide Ratio = 16
@ 10 Hz Offset
−135
dBc/Hz
@ 100 Hz Offset
−145
dBc/Hz
@ 1 kHz Offset
−158
dBc/Hz
@ 10 kHz Offset
−165
dBc/Hz
@ 100 kHz Offset
−165
dBc/Hz
>1 MHz Offset
−166
dBc/Hz
CLK1 = 491.52 MHz, OUT = 61.44 MHz
Divide Ratio = 8
@ 10 Hz Offset
−131
dBc/Hz
@ 100 Hz Offset
−142
dBc/Hz
@ 1 kHz Offset
−153
dBc/Hz
@ 10 kHz Offset
−160
dBc/Hz
@ 100 kHz Offset
−165
dBc/Hz
>1 MHz Offset
−165
dBc/Hz
CLK1 = 491.52 MHz, OUT = 245.76 MHz
Divide Ratio = 2
@ 10 Hz Offset
−125
dBc/Hz
@ 100 Hz Offset
−132
dBc/Hz
@ 1 kHz Offset
−140
dBc/Hz
@ 10 kHz Offset
−151
dBc/Hz
@ 100 kHz Offset
−157
dBc/Hz
>1 MHz Offset
−158
dBc/Hz
CLK1 = 245.76 MHz, OUT = 61.44 MHz
Divide Ratio = 4
@ 10 Hz Offset
−138
dBc/Hz
@ 100 Hz Offset
−144
dBc/Hz
@ 1 kHz Offset
−154
dBc/Hz
@ 10 kHz Offset
−163
dBc/Hz
@ 100 kHz Offset
−164
dBc/Hz
>1 MHz Offset
−165
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com