Electronic Components Datasheet Search
  English  ▼

X  

AD9512-PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9512-PCB
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512-PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9512-PCB Datasheet HTML 24Page - Analog Devices AD9512-PCB Datasheet HTML 25Page - Analog Devices AD9512-PCB Datasheet HTML 26Page - Analog Devices AD9512-PCB Datasheet HTML 27Page - Analog Devices AD9512-PCB Datasheet HTML 28Page - Analog Devices AD9512-PCB Datasheet HTML 29Page - Analog Devices AD9512-PCB Datasheet HTML 30Page - Analog Devices AD9512-PCB Datasheet HTML 31Page - Analog Devices AD9512-PCB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
AD9512
Rev. A | Page 28 of 48
4Ah to 52h
Divide Ratio
Duty Cycle (%)
LO<7:4>
HI<3:0>
26
38
F
9
27
52
C
D
27
48
D
C
27
56
B
E
27
44
E
B
27
59
A
F
27
41
F
A
28
50
D
D
28
54
C
E
28
46
E
C
28
57
B
F
28
43
F
B
4Ah to 52h
Divide Ratio
Duty Cycle (%)
LO<7:4>
HI<3:0>
29
52
D
E
29
48
E
D
29
55
C
F
29
45
F
C
30
50
E
E
30
53
D
F
30
47
F
D
31
52
E
F
31
48
F
E
32
50
F
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com