Electronic Components Datasheet Search
  English  ▼

X  

AD8603 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8603
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8603 Datasheet(HTML) 5 Page - Analog Devices

  AD8603 Datasheet HTML 1Page - Analog Devices AD8603 Datasheet HTML 2Page - Analog Devices AD8603 Datasheet HTML 3Page - Analog Devices AD8603 Datasheet HTML 4Page - Analog Devices AD8603 Datasheet HTML 5Page - Analog Devices AD8603 Datasheet HTML 6Page - Analog Devices AD8603 Datasheet HTML 7Page - Analog Devices AD8603 Datasheet HTML 8Page - Analog Devices AD8603 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5444/AD5446
Rev. E | Page 5 of 28
TIMING CHARACTERISTICS
All input signals are specified with tr = tf = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. VDD = 2.5 V to 5.5 V,
VREF = 10 V, IOUT2 = 0 V, temperature range for Y version: −40°C to +125°C; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
VDD = 4.5 V to
5.5 V
VDD = 2.5 V to
5.5 V
Unit
Conditions/Comments
fSCLK
50
50
MHz max
Maximum clock frequency.
t1
20
20
ns min
SCLK cycle time.
t2
8
8
ns min
SCLK high time.
t3
8
8
ns min
SCLK low time.
t4
8
8
ns min
SYNC falling edge to SCLK active edge setup time.
t5
5
5
ns min
Data setup time.
t6
4.5
4.5
ns min
Data hold time.
t7
5
5
ns min
SYNC rising edge to SCLK active edge setup time
t8
30
30
ns min
Minimum SYNC high time.
t9
23
30
ns min
SCLK active edge to SDO valid.
Update Rate
2.7
2.7
MSPS
Consists of cycle time, SYNC high time, data setup time and output
voltage settling time.
1 Guaranteed by design and characterization; not subject to production test.
t7
t1
t3
t2
t4
t5
t6
DB15
DB0
SCLK
SYNC
SDIN
t8
Figure 2. Standalone Timing Diagram
DB15 (N)
DB0 (N)
DB15
(N + 1)
DB0
(N + 1)
SCLK
SDIN
SDO
NOTES
ALTERNATIVELY, DATA CAN BE CLOCKED INTO INPUT SHIFT REGISTER ON RISING EDGE OF SCLK AS
DETERMINED BY CONTROL BITS. IN THIS CASE, DATA IS CLOCKED OUT OF SDO ON FALLING
EDGE OF SCLK. TIMING AS ABOVE, WITH SCLK INVERTED.
t4
t5
t6
t2
t1
t3
t7
t8
t9
DB15 (N)
DB0 (N)
SYNC
Figure 3. Daisy-Chain Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com