Electronic Components Datasheet Search
  English  ▼

X  

AD8603 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8603
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8603 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8603 Datasheet HTML 20Page - Analog Devices AD8603 Datasheet HTML 21Page - Analog Devices AD8603 Datasheet HTML 22Page - Analog Devices AD8603 Datasheet HTML 23Page - Analog Devices AD8603 Datasheet HTML 24Page - Analog Devices AD8603 Datasheet HTML 25Page - Analog Devices AD8603 Datasheet HTML 26Page - Analog Devices AD8603 Datasheet HTML 27Page - Analog Devices AD8603 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5444/AD5446
Data Sheet
Rev. E | Page 24 of 28
OVERVIEW OF AD54xx AND AD55xx CURRENT OUTPUT DEVICES
Table 12.
Part Number
Resolution (Bits)
Number of DACs
INL (LSB)
Interface
Package1
Features
AD5424
8
1
±0.25
Parallel
RU-16, CP-20
10 MHz BW, 17 ns CS pulse width
AD5426
8
1
±0.25
Serial
RM-10
10 MHz BW, 50 MHz serial
AD5428
8
2
±0.25
Parallel
RU-20
10 MHz BW, 17 ns CS pulse width
AD5429
8
2
±0.25
Serial
RU-10
10 MHz BW, 50 MHz serial
AD5450
8
1
±0.25
Serial
UJ-8
12 MHz BW, 50 MHz serial
AD5432
10
1
±0.5
Serial
RM-10
10 MHz BW, 50 MHz serial
AD5433
10
1
±0.5
Parallel
RU-20, CP-20
10 MHz BW, 17 ns CS pulse width
AD5439
10
2
±0.5
Serial
RU-16
10 MHz BW, 50 MHz serial
AD5440
10
2
±0.5
Parallel
RU-24
10 MHz BW, 17 ns CS pulse width
AD5451
10
1
±0.25
Serial
UJ-8
12 MHz BW, 50 MHz serial
AD5443
12
1
±1
Serial
RM-10
10 MHz BW, 50 MHz serial
AD5444
12
1
±0.5
Serial
RM-10
12 MHz BW, 50 MHz serial interface
AD5415
12
2
±1
Serial
RU-24
10 MHz BW, 50 MHz serial
AD5405
12
2
±1
Parallel
CP-40
10 MHz BW, 17 ns CS pulse width
AD5445
12
2
±1
Parallel
RU-20, CP-20
10 MHz BW, 17 ns CS pulse width
AD5447
12
2
±1
Parallel
RU-24
10 MHz BW, 17 ns CS pulse width
AD5449
12
2
±1
Serial
RU-16
10 MHz BW, 50 MHz serial
AD5452
12
1
±0.5
Serial
UJ-8, RM-8
12 MHz BW, 50 MHz serial
AD5446
14
1
±1
Serial
RM-10
12 MHz BW, 50 MHz serial
AD5453
14
1
±2
Serial
UJ-8, RM-8
12 MHz BW, 50 MHz serial
AD5553
14
1
±1
Serial
RM-8
4 MHz BW, 50 MHz serial clock
AD5556
14
1
±1
Parallel
RU-28
4 MHz BW, 20 ns WR pulse width
AD5555
14
2
±1
Serial
RM-8
4 MHz BW, 50 MHz serial clock
AD5557
14
2
±1
Parallel
RU-38
4 MHz BW, 20 ns WR pulse width
AD5543
16
1
±2
Serial
RM-8
4 MHz BW, 50 MHz serial clock
AD5546
16
1
±2
Parallel
RU-28
4 MHz BW, 20 ns WR pulse width
AD5545
16
2
±2
Serial
RU-16
4 MHz BW, 50 MHz serial clock
AD5547
16
2
±2
Parallel
RU-38
4 MHz BW, 20 ns WR pulse width
1
RU = TSSOP, CP = LFCSP, RM = MSOP, UJ = TSOT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com