Electronic Components Datasheet Search
  English  ▼

X  

AM417 Datasheet(PDF) 14 Page - Analog Devices

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM417 Datasheet(HTML) 14 Page - Analog Devices

Back Button AM417 Datasheet HTML 10Page - Analog Devices AM417 Datasheet HTML 11Page - Analog Devices AM417 Datasheet HTML 12Page - Analog Devices AM417 Datasheet HTML 13Page - Analog Devices AM417 Datasheet HTML 14Page - Analog Devices AM417 Datasheet HTML 15Page - Analog Devices AM417 Datasheet HTML 16Page - Analog Devices AM417 Datasheet HTML 17Page - Analog Devices AM417 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 14/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
The output signal of a piezoresistive sensing element is accrued from:
BR
IB
BR
OUTME
R
I
P
S
V
P
S
V
⋅
⋅
⋅
=
⋅
⋅
=
(14)
S
is the sensor sensitivity of the sensing element and P is the applied pressure. Sensor sensitivity S
and bridge resistor RBR are the dominant temperature-dependent variables in Equation 14. The
following applies:
(
)
()
0
0
1
T
T
TCS
S
S
−
⋅
+
⋅
=
(15)
(
)
()
o
BR
BR
T
T
TCR
R
R
−
⋅
+
⋅
=
1
0
(16)
S0 is the basic value of the sensitivity and RBRO the basic value of the bridge resistance at T0 (usually
room temperature). T is the actual temperature.
TCS
and TCR are the linear temperature coefficients of sensitivity and bridge resistance. Typical
values are:
TCS
= -0.0019/°C and TCR = +0.0028/°C [3].
Good temperature compensation of sensing element output signal VOUTME would be automatically
achieved if both temperature coefficients had the same value. If both are different, however, an
attempt is made to equalize them. This is done by adding an additional compensatory TCS resistor
RTCS which is inserted parallel to the sensing element (see Figure 4). The TCR value of the entire
system is thus amended so that it is the same as TCS of the sensing element.
In the temperature compensation of the sensing element output signal described above the
following applies to the compensatory TCS resistor:
TCS
TCR
TCS
R
R
BR
TCS
+
−
⋅
=
(17)
As part of the set bridge supply current IIB´ flows through the shunt resistor RTCS the circuit output
signal is reduced after TCS compensation according to the following equation:
()
BR
TCS
TCS
IB
IB
R
R
R
I
I
+
=
'
(18)
In order to reinstate the original output signal of the circuitry the circuit gain must be increased by
the reciprocal ratio:
(
)
TCS
BR
TCS
IB
IB
R
R
R
I
I
TCSFactor
+
=
=
'
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com