Electronic Components Datasheet Search
  English  ▼

X  

AM417 Datasheet(PDF) 15 Page - Analog Devices

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM417 Datasheet(HTML) 15 Page - Analog Devices

Back Button AM417 Datasheet HTML 10Page - Analog Devices AM417 Datasheet HTML 11Page - Analog Devices AM417 Datasheet HTML 12Page - Analog Devices AM417 Datasheet HTML 13Page - Analog Devices AM417 Datasheet HTML 14Page - Analog Devices AM417 Datasheet HTML 15Page - Analog Devices AM417 Datasheet HTML 16Page - Analog Devices AM417 Datasheet HTML 17Page - Analog Devices AM417 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 15/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
In order to achieve a maximum a sensing element output signal it is best to increase set bridge
supply current IIB by the TCS Factor. Gain GOUT can also be increased by the same factor if, for
example, maximum bridge current IIBmax = 1.25mA or if the maximum voltage at pin 2 (IB) is
overshot during an increase.
EXAMPLE
Example 4: TCS compensation of a piezoresistive pressure sensing element [2]
• TCS = -0.0019/°C
• VCC = 5V
• RBR = 3KΩ
• TCR = +0.0028/°C
• Temperature range: -20°C – 80°C
Bridge supply current IIB is selected according to the following. Assuming that the maximum
operating temperature of the circuit is 80°C, the maximum bridge resistance is calculated using
Equation (16):
(
)
()
Ω
=
°
−
°
⋅
°
+
⋅
Ω
=
k
C
C
C
k
R
RB
46
,
3
25
80
/
0028
,
0
1
3
max
With a bridge current of IIB = 0.8mA, at 80°C and VCC = 5V, pin 2 (IB) has a potential of:
V
V
mA
k
V
IB
27
.
3
5
.
0
8
.
0
46
.
3
=
+
⋅
Ω
=
Applying Equation (17):
RTCS = 6.33KΩ
Using Equation (19) the following is calculated for T0:
TCS
Factor = 1.47
If bridge current IIB is now increased by a factor of TCSFactor, the result is a new amended bridge
current of:
IIBnew = 1.18mA
The original output signal of the sensing element is thus reinstated following TCS compensation.
Output stage gain GOUT could also be increased by a factor of TCSFactor by adjusting resistors R3
and R4 according to Equation (2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com