Electronic Components Datasheet Search
  English  ▼

X  

STP70N10F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP70N10F4
Description  N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP70N10F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STP70N10F4 Datasheet HTML 1Page - STMicroelectronics STP70N10F4 Datasheet HTML 2Page - STMicroelectronics STP70N10F4 Datasheet HTML 3Page - STMicroelectronics STP70N10F4 Datasheet HTML 4Page - STMicroelectronics STP70N10F4 Datasheet HTML 5Page - STMicroelectronics STP70N10F4 Datasheet HTML 6Page - STMicroelectronics STP70N10F4 Datasheet HTML 7Page - STMicroelectronics STP70N10F4 Datasheet HTML 8Page - STMicroelectronics STP70N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
October 2009
Doc ID 15207 Rev 3
1/18
18
STB70N10F4, STD70N10F4
STP70N10F4, STW70N10F4
N-channel 100 V, 0.015
Ω, 60 A, STripFET™ DeepGATE™
Power MOSFET in TO-220, DPAK, TO-247, D2PAK
Features
■ Exceptional dv/dt capability
■ Extremely low on-resistance RDS(on)
■ 100% avalanche tested
Application
■ Switching applications
Description
This STripFET™ DeepGATE™ Power MOSFET
technology is among the latest improvements,
which have been especially tailored to minimize
on-state resistance, with a new gate structure,
providing superior switching performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STB70N10F4
100 V
< 0.0195
Ω
65 A
STD70N10F4
100 V
< 0.0195
Ω
60 A
STP70N10F4
100 V
< 0.0195
Ω
65 A
STW70N10F4
100 V
< 0.0195
Ω
65 A
TO-220
1
2
3
1
3
DPAK
1
2
3
TO-247
D²PAK
1
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB70N10F4
70N10F4
D²PAK
Tape and reel
STD70N10F4
70N10F4
DPAK
Tape and reel
STP70N10F4
70N10F4
TO-220
Tube
STW70N10F4
70N10F4
TO-247
Tube
www.st.com


Similar Part No. - STP70N10F4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP70N10F4 VBSEMI-STP70N10F4 Datasheet
2Mb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP70N10F4 ISC-STP70N10F4 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP70N10F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
STB185N10F3 STMICROELECTRONICS-STB185N10F3 Datasheet
255Kb / 12P
N-channel 100 V, 4.0 mΩ, 120 A, D2PAK, TO-220 STripFET™Power MOSFET
01-Aug-2007
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
03-Mar-2008
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
15-Apr-2009
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
20-Jun-2012
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
N-channel 100 V, 0.0068 Ω typ., 80 A, STripFET™ VII DeepGATE™ Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
25-Nov-2013
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com