Electronic Components Datasheet Search
  English  ▼

X  

STP70N10F4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP70N10F4
Description  N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP70N10F4 Datasheet(HTML) 3 Page - STMicroelectronics

  STP70N10F4 Datasheet HTML 1Page - STMicroelectronics STP70N10F4 Datasheet HTML 2Page - STMicroelectronics STP70N10F4 Datasheet HTML 3Page - STMicroelectronics STP70N10F4 Datasheet HTML 4Page - STMicroelectronics STP70N10F4 Datasheet HTML 5Page - STMicroelectronics STP70N10F4 Datasheet HTML 6Page - STMicroelectronics STP70N10F4 Datasheet HTML 7Page - STMicroelectronics STP70N10F4 Datasheet HTML 8Page - STMicroelectronics STP70N10F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STB/D/P/W70N10F4
Electrical ratings
Doc ID 15207 Rev 3
3/18
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, TO-247,
D²PAK
DPAK
VDS
Drain-source voltage (VGS = 0)
100
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
65
60
A
ID
Drain current (continuous) at TC = 100 °C
46
43
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
260
240
A
PTOT
Total dissipation at TC = 25 °C
150
125
W
Derating factor
1
0.83
W/°C
EAS
(2)
2.
Starting Tj = 25 °C, ID= 32.5 A, VDD= 45 V
Single pulse avalanche energy
120
mJ
Tstg
Storage temperature
– 55 to 175
°C
Tj
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220, TO-247,
D²PAK
DPAK
Rthj-case Thermal resistance junction-case max
1
1.2
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
50 (1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com