Electronic Components Datasheet Search
  English  ▼

X  

BS08D-T112 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # BS08D-T112
Description  Silicon Bilateral Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BS08D-T112 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  BS08D-T112 Datasheet HTML 1Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 2Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 3Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
4
BS08D-T112
Silicon Bilateral Switch
2/11 Rev. 1
APPLICATION EXAMPLES
THYRISTOR TRIGGER CIRCUIT
LOAD
D
220kΩ
1kΩ
10kΩ
47Ω
5V
A
A
V
V
CR2AM-8
SBS
BS08D
R
C
R2
T2
+I
VT1
+V
-V
VS1
ID1
ID2
IS2
IH2
-I
VT2
VS2
IS1
IH1
T2
T1
T1
G
G
CR
0.1 µF
VR
1MΩ
AC INPUT
100VAC
This circuit is widely used in DC motor
control and other control applications.
LOAD
D2
D1
VR
220KΩ
BCR16
HM-8
Triac
SBS
BS08D
C2
0.1 µF
400WV
R2
100Ω
0.5W
R1
100Ω
0.25W
R3
15Ω
1W
C1
0.47 µF
25WV
AC INPUT
100VAC
This circuit is usable in such applications as lighting
control circuits, electric heater control, and other load
control applications.
EQUIVALENT CIRCUIT
CIRCUIT SYMBOL
TRIAC TRIGGER CIRCUIT
GATE CHARACTERISTICS
MEASUREMENT CURCUIT
STATIC CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com