Electronic Components Datasheet Search
  English  ▼

X  

BS08D-T112 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # BS08D-T112
Description  Silicon Bilateral Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BS08D-T112 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  BS08D-T112 Datasheet HTML 1Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 2Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 3Page - Powerex Power Semiconductors BS08D-T112 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
3
BS08D-T112
Silicon Bilateral Switch
2/11 Rev. 1
GATE TRIGGER VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
HOLDING CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
ON-STATE VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
GATE TRIGGER CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
OFF-STATE CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
101
100
10-1
10-2
-60 -40 -20 0 20 40 60 80 100120140
8.3
8.1
7.5
7.7
7.9
-60 -40 -20 0 20 40 60 80 100120140
320
240
160
80
0
-60 -40 -20 0 20 40 60 80 100
TYPICAL DISTRIBUTION
VD = 5V
VD = 5V
IT = 175mA
VD = 5V
TYPICAL VALUE
TYPICAL DISTRIBUTION
TYPICAL VALUE
TYPICAL DISTRIBUTION
TYPICAL DISTRIBUTION
TYPICAL VALUE
120140
SWITCHING VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
SWITCHING CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
JUNCTION TEMPERATURE, Tj, (°C)
JUNCTION TEMPERATURE, Tj, (°C)
JUNCTION TEMPERATURE, Tj, (°C)
JUNCTION TEMPERATURE, Tj, (°C)
JUNCTION TEMPERATURE, Tj, (°C)
JUNCTION TEMPERATURE, Tj, (°C)
1.30
1.20
1.10
1.00
0.80
0.90
-60 -40 -20 0 20 40 60 80 100120140
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
800
600
400
200
0
-60 -40 -20
0
20 40 60 80 100
160
120
80
40
0
0
20
40
60
80
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com