Electronic Components Datasheet Search
  English  ▼

X  

BC489 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC489
Description  High Current Transistors NPN Silicon These are Pb?묯ree Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489 Datasheet(HTML) 1 Page - ON Semiconductor

  BC489 Datasheet HTML 1Page - ON Semiconductor BC489 Datasheet HTML 2Page - ON Semiconductor BC489 Datasheet HTML 3Page - ON Semiconductor BC489 Datasheet HTML 4Page - ON Semiconductor BC489 Datasheet HTML 5Page - ON Semiconductor BC489 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 3
1
Publication Order Number:
BC489/D
BC489, BC489A
High Current Transistors
NPN Silicon
Features
• These are Pb−Free Devices*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
80
Vdc
Collector − Base Voltage
VCBO
80
Vdc
Collector − Emitter Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
0.5
Adc
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
625
5.0
mW
mW/
°C
Total Power Dissipation @ TA = 25°C
Derate above TA = 25°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
COLLECTOR
1
2
BASE
3
EMITTER
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 17
MARKING DIAGRAM
BC
489x
AYWW
G
G
489x
= 489A
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping†
ORDERING INFORMATION
BC489G
TO−92
(Pb−Free)
5000 Units / Bulk
BC489RL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
BC489AG
TO−92
(Pb−Free)
5000 Units / Bulk
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - BC489

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
High Current Transistors
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
High Current Transistors(NPN Silicon)
logo
Micro Electronics
BC489 MICRO-ELECTRONICS-BC489 Datasheet
57Kb / 1P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
BC489 CDIL-BC489 Datasheet
364Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Motorola, Inc
BC489A MOTOROLA-BC489A Datasheet
235Kb / 6P
High Current Transistors
More results

Similar Description - BC489

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
ON Semiconductor
BC487 ONSEMI-BC487 Datasheet
81Kb / 6P
High Current Transistors NPN Silicon
September, 2005 ??Rev. 1
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
NTMS5838NL ONSEMI-NTMS5838NL Datasheet
115Kb / 6P
Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
April, 2011 ??Rev. 1
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
Pb?묯ree Package is Available
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
These are Pb−Free Devices
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
These are Pb−Free Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com