Electronic Components Datasheet Search
  English  ▼

X  

BC489 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC489
Description  High Current Transistors NPN Silicon These are Pb?묯ree Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489 Datasheet(HTML) 2 Page - ON Semiconductor

  BC489 Datasheet HTML 1Page - ON Semiconductor BC489 Datasheet HTML 2Page - ON Semiconductor BC489 Datasheet HTML 3Page - ON Semiconductor BC489 Datasheet HTML 4Page - ON Semiconductor BC489 Datasheet HTML 5Page - ON Semiconductor BC489 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC489, BC489A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
V(BR)CEO
80
−
−
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
80
−
−
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
−
−
Vdc
Collector Cutoff Current
(VCB = 60 V, IE = 0)
ICBO
−
−
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mAdc, VCE = 2.0 Vdc)
(IC = 100 mAdc, VCE = 2.0 Vdc)
BC489
BC489A
(IC = 1.0 Adc, VCE = 5.0 Vdc)
hFE
40
60
100
15
−
−
160
−
−
400
250
−
−
Collector − Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
−
−
0.2
0.3
0.5
−
Vdc
Collector − Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc) (Note 1)
VBE(sat)
−
−
0.85
0.9
1.2
−
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 50 mAdc, VCE = 2.0 Vdc, f = 100 MHz)
fT
−
200
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
−
7.0
−
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
−
50
−
pF
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2.0%.
Figure 1. Switching Time Test Circuits
*Total Shunt Capacitance of Test Jig and Connectors For PNP Test Circuits, Reverse All Voltage Polarities
5.0 ms
+10 V
0
Vin
5.0 mF
100
100
TURN−ON TIME
−1.0 V
VCC
+40 V
RL
OUTPUT
*CS < 6.0 pF
tr = 3.0 ns
5.0 ms
Vin
5.0 mF
100
100
TURN−OFF TIME
+VBB
VCC
+40 V
RL
OUTPUT
*CS < 6.0 pF
tr = 3.0 ns
RB
RB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com