Electronic Components Datasheet Search
  English  ▼

X  

AFCT-701ASDZ Datasheet(PDF) 15 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701ASDZ Datasheet(HTML) 15 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701ASDZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Table 12. EEPROM Serial ID Memory Contents – Conventional SFP Memory (Address A0h)
Byte #
Decimal
Data
Hex
Notes
Byte #
Decimal
Data
Hex
Notes
0
03
SFP physical device
37
00
Hex Byte of Vendor OUI[1]
1
04
SFP function defined by serial ID only
38
17
Hex Byte of Vendor OUI[1]
2
07
LC optical connector
39
6A
Hex Byte of Vendor OUI[1]
3
20
10G Base-LR
40
41
“A” - Vendor Part Number ASCII character
4
00
41
46
“F” - Vendor Part Number ASCII character
5
00
42
43
“C” - Vendor Part Number ASCII character
6
00
43
54
“T” - Vendor Part Number ASCII character
7
00
44
2D
“-” - Vendor Part Number ASCII character
8
00
45
37
“7” - Vendor Part Number ASCII character
9
00
46
30
“0” - Vendor Part Number ASCII character
10
00
47
31
“1” - Vendor Part Number ASCII character
11
06
64B/66B
48
41
“A” - Vendor Part Number ASCII character
12
67
10312.5 Mbit/sec nominal bit rate (10.3125
Gbit/s)
49
53
“S” - Vendor Part Number ASCII character
13
00
Unspecified
50
44
“D” - Vendor Part Number ASCII character
14
0A
10GBASE-LR 10km
51
5A
“Z” - Vendor Part Number ASCII character
15
64
10GBASE-LR 10km
52
20
“ ” - Vendor Part Number ASCII character
16
00
53
20
“ ” - Vendor Part Number ASCII character
17
00
54
20
“ ” - Vendor Part Number ASCII character
18
00
55
20
“ ” - Vendor Part Number ASCII character
19
00
56
20
“ ” - Vendor Part Number ASCII character
20
41
“A” - Vendor Name ASCII character
57
20
“ ” - Vendor Part Number ASCII character
21
56
“V” - Vendor Name ASCII character
58
20
“ ” - Vendor Part Number ASCII character
22
41
“A” - Vendor Name ASCII character
59
20
“ ” - Vendor Part Number ASCII character
23
47
“G” - Vendor Name ASCII character
60
05
Hex Byte of Laser Wavelength[2]
24
4F
“0” - Vendor Name ASCII character
61
1E
Hex Byte of Laser Wavelength[2]
25
20
“ ” - Vendor Name ASCII character
62
00
26
20
“ ” - Vendor Name ASCII character
63
Checksum for Bytes 0-62[3]
27
20
“ ” - Vendor Name ASCII character
64
00
Receiver limiting output. 1 Watt power
class.
28
20
“ ” - Vendor Name ASCII character
65
1A
Hardware SFP TX_DISABLE, TX_FAULT,
& RX_LOS
29
20
“ ” - Vendor Name ASCII character
66
00
30
20
“ ” - Vendor Name ASCII character
67
00
31
20
“ ” - Vendor Name ASCII character
68-83
Vendor Serial Number ASCII characters[4]
32
20
“ ” - Vendor Name ASCII character
84-91
Vendor Date Code ASCII characters[5]
33
20
“ ” - Vendor Name ASCII character
92
68
Digital Diagnostics, Internal Cal, Rx Pwr Avg
34
20
“ ” - Vendor Name ASCII character
93
F0
A/W, Soft SFP TX_DISABLE, TX_FAULT,
& RX_LOS
35
20
“ ” - Vendor Name ASCII character
94
03
SFF-8472 Compliance to revision 10.2
36
00
95
Checksum for Bytes 64-94[3]
96 - 255
00
Notes:
1. The IEEE Organizationally Unique Identifier (OUI) assigned to Avago Technologies is 00-17-6A (3 bytes of hex).
2. Laser wavelength is represented in 16 unsigned bits.
3. Addresses 63 and 95 are checksums calculated (per SFF-8472) and stored prior to product shipment.
4. Addresses 68-83 specify the AFCT-701ASDZ ASCII serial number and will vary on a per unit basis.
5. Addresses 84-91 specify the AFCT-701ASDZ ASCII date code and will vary on a per date code basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com