Electronic Components Datasheet Search
  English  ▼

X  

AFCT-701ASDZ Datasheet(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701ASDZ Datasheet(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701ASDZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Table 14. EEPROM Serial ID Memory Contents – Soft Commands (Address A2h, Byte 110)
Status/
Bit #
Control Name
Description
Notes
7
TX_ DISABLE State
Digital state of SFP TX_ DISABLE Input (1 = TX_DISABLE asserted)
Note 1
6
Soft TX_ DISABLE
Read/write bit for changing digital state of TX_DISABLE function
Note 1, 2
5
Reserved
4
Reserved
3
Reserved
2
TX_FAULT State
Digital state of the SFP TX_FAULT Output (1 = TX_FAULT asserted)
Note 1
1
RX_LOS State
Digital state of the SFP RX_LOS Output (1 = RX_LOS asserted)
Note 1
0
Data Ready (Bar)
Indicates transceiver is powered and real time sense data is ready. (0 = Ready)
Notes:
1. The response time for soft commands of the AFCT-701ASDZ is 100 msec as specified by SFF-8472.
2. Bit 6 is logic OR’d with the SFP TX_DISABLE input on contact 3; either asserted will disable the SFP+ transmitter.
Table 15. EEPROM Serial ID Memory Contents – Alarms and Warnings (Address A2h, Bytes 112, 113, 116, 117)
Byte
Bit
Flag Bit Name Description
112
7
Temp High Alarm
Set when transceiver internal temperature exceeds high alarm threshold
6
Temp Low Alarm
Set when transceiver internal temperature exceeds low alarm threshold
5
Vcc High Alarm
Set when transceiver internal supply voltage exceeds high alarm threshold
4
Vcc Low Alarm
Set when transceiver internal supply voltage exceeds low alarm threshold
3
Tx Bias High Alarm
Set when transceiver laser bias current exceeds high alarm threshold
2
Tx Bias Low Alarm
Set when transceiver laser bias current exceeds low alarm threshold
1
Tx Power High Alarm
Set when transmitted average optical power exceeds high alarm threshold
0
Tx Power Low Alarm
Set when transmitted average optical power exceeds low alarm threshold
113
7
Rx Power High Alarm
Set when received average optical power exceeds high alarm threshold
6
Rx Power Low Alarm
Set when received average optical power exceeds low alarm threshold
0-5
Reserved
116
7
Temp High Warning
Set when transceiver internal temperature exceeds high warning threshold
6
Temp Low Warning
Set when transceiver internal temperature exceeds low warning threshold
5
Vcc High Warning
Set when transceiver internal supply voltage exceeds high warning threshold
4
Vcc Low Warning
Set when transceiver internal supply voltage exceeds low warning threshold
3
Tx Bias High Warning
Set when transceiver laser bias current exceeds high warning threshold
2
Tx Bias Low Warning
Set when transceiver laser bias current exceeds low warning threshold
1
Tx Power High Warning
Set when transmitted average optical power exceeds high warning threshold
0
Tx Power Low Warning
Set when transmitted average optical power exceeds low warning threshold
117
7
Rx Power High Warning
Set when received average optical power exceeds high warning threshold
6
Rx Power Low Warning
Set when received average optical power exceeds low warning threshold
0-5
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com