Electronic Components Datasheet Search
  English  ▼

X  

8767902PC Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # 8767902PC
Description  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

8767902PC Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  8767902PC Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
These units are single, dual and quad channel, hermetically
sealedoptocouplers.Theproductsarecapableofoperation
and storage over the full military temperature range and
can be purchased as either standard product or with full
MIL-PRF-38534 Class Level H or K testing or from the ap-
propriate DLA Drawing. All devices are manufactured and
tested on a MIL-PRF-38534 certified line and are included
in the DLA Qualified Manufacturers List QML-38534 for
Hybrid Microcircuits.
Applications
 Military and Space
 High Reliability Systems
 Vehicle Command, Control, Life Critical Systems
 Line Receivers
 Switching Power Supply
 Voltage Level Shifting
 Analog Signal Ground Isolation
(see Figures 7, 8, and 13)
 Isolated Input Line Receiver
 Isolated Output Line Driver
 Logic Ground Isolation
 Harsh Industrial Environments
 Isolation for Test Equipment Systems
4N55*, 5962-87679, HCPL-553X, HCPL-653X,
HCPL-257K, HCPL-655X, 5962-90854, HCPL-550X
Hermetically Sealed, Transistor Output Optocouplers
for Analog and Digital Applications
Data Sheet
*See matrix for available extensions.
Features
 Dual Marked with Device Part Number and DLA
Drawing Number
 ManufacturedandTestedonaMIL-PRF-38534Certified
Line
 QML-38534, Class H and K
 Five Hermetically Sealed Package Configurations
 Performance Guaranteed over Full Military
Temperature Range: -55°C to +125°C
 High Speed: Typically 400 kBit/s
 9 MHz Bandwidth
 Open Collector Output
 2-18 Volt VCC Range
 1500 Vdc Withstand Test Voltage
 High Radiation Immunity
 6N135, 6N136, HCPL-2530/2531,
Function Compatibility
 Reliability Data
The connection of a 0.1 μF bypass capacitor between VCC and GND is recommended.
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.


Similar Part No. - 8767902PC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8767 BELDEN-8767 Datasheet
159Kb / 2P
Audio, Control & Instrument, #22-3pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
8767.0601000 BELDEN-8767.0601000 Datasheet
159Kb / 2P
Audio, Control & Instrument, #22-3pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
8767.060500 BELDEN-8767.060500 Datasheet
159Kb / 2P
Audio, Control & Instrument, #22-3pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
8767.060U500 BELDEN-8767.060U500 Datasheet
159Kb / 2P
Audio, Control & Instrument, #22-3pr, PVC, Indv. Foil, PVC Jkt, CMG
05-05-2023
logo
Molex Electronics Ltd.
87678-1001 MOLEX9-87678-1001 Datasheet
259Kb / 6P
1.27mm (.050") Pitch Serial ATA Backplane Receptacle, Through Hole, VerticalExtended Height, 0.76關m (30關") Gold (Au) Selective, 22 Circuits, Leadfree
More results

Similar Description - 8767902PC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com