Electronic Components Datasheet Search
  English  ▼

X  

8767902PC Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # 8767902PC
Description  Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

8767902PC Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  8767902PC Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 8767902PC Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Leaded Device Marking
Leadless Device Marking
Outline Drawings
16 Pin Flat Pack, 4 Channels
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
50434
COUNTRY OF MFR.
Avago CAGE CODE*
Avago DESIGNATOR
DLA SMD*
PIN ONE/
ESD IDENT
Avago P/N
DLA SMD*
* QUALIFIED PARTS ONLY
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
XXXX
XXXXXX
XXX 50434
DLA SMD*
Avago CAGE CODE*
Avago DESIGNATOR
COUNTRY OF MFR.
Avago P/N
PIN ONE/
ESD IDENT
DLA SMD*
* QUALIFIED PARTS ONLY
8.13 (0.320)
MAX.
5.23
(0.206)
MAX.
2.29 (0.090)
MAX.
7.24 (0.285)
6.99 (0.275)
1.27 (0.050)
REF.
0.46 (0.018)
0.36 (0.014)
11.13 (0.438)
10.72 (0.422)
2.85 (0.112)
MAX.
0.89 (0.035)
0.69 (0.027)
0.31 (0.012)
0.23 (0.009)
0.88 (0.0345)
MIN.
9.02 (0.355)
8.76 (0.345)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
20 Terminal LCCC Surface Mount, 2 Channels
8 Pin DIP Through Hole, 1 and 2 Channel
8.70 (0.342)
9.10 (0.358)
4.95 (0.195)
5.21 (0.205)
1.78 (0.070)
2.03 (0.080)
1.02 (0.040) (3 PLCS)
4.95 (0.195)
5.21 (0.205)
8.70 (0.342)
9.10 (0.358)
1.78 (0.070)
2.03 (0.080)
0.51 (0.020)
0.64
(0.025)
(20 PLCS)
1.52 (0.060)
2.03 (0.080)
METALIZED
CASTILLATIONS (20 PLCS)
2.16 (0.085)
TERMINAL 1 IDENTIFIER
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
SOLDER THICKNESS 0.127 (0.005) MAX.
1.14 (0.045)
1.40 (0.055)
3.81 (0.150)
MIN.
4.32 (0.170)
MAX.
9.40 (0.370)
9.91 (0.390)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.76 (0.030)
1.27 (0.050)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
7.16 (0.282)
7.57 (0.298)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com