Electronic Components Datasheet Search
  English  ▼

X  

TC--12 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # TC--12
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TC--12 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button TC--12 Datasheet HTML 10Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 11Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 12Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 13Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 14Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 15Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 16Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 17Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
RF Device Data
Freescale Semiconductor, Inc.
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
TYPICAL CHARACTERISTICS — 144--148 MHz REFERENCE CIRCUIT
VDD =50 Vdc,IDQ = 200 mA, Pout = 1100 W CW
f
MHz
Zsource
Zload
144
1.6 + j5.0
3.9 + j1.5
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured from
drain to drain, balanced configuration.
Figure 19. Series Equivalent 144--148 MHz Reference Circuit Source and Load Impedance
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+
Zsource
Zload
50 
50 
31
20
90
50
28
70
50
Pout, OUTPUT POWER (WATTS)
Figure 20. Power Gain and Drain Efficiency
versus Output Power
26
24
2000
25
40
60
80
27
29
1000
D
VDD =50 Vdc,IDQ = 2500 mA, f = 144 MHz
30
100
30
1
Pout, OUTPUT POWER (WATTS) PEP
Figure 21. Intermodulation Distortion Products
versus Output Power
--100
0
--20
--50
--60
--70
--80
--90
--30
--40
IDQ = 2500 mA
10
1000
--20
100
2000
VDD =50 Vdc
f1 = 143.9 MHz, f2 = 144.1 MHz
Two--Tone Measurement
3rd Order
3rd Order
7th Order
7th Order
5th Order
4500 mA
4500 mA
Gps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com