Electronic Components Datasheet Search
  English  ▼

X  

TC--12 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # TC--12
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TC--12 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button TC--12 Datasheet HTML 11Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 12Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 13Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 14Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 15Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 16Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 17Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 18Page - Freescale Semiconductor, Inc TC--12 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MRFE6VP61K25HR6 MRFE6VP61K25HSR5 MRFE6VP61K25GSR5
15
RF Device Data
Freescale Semiconductor, Inc.
HARMONIC MEASUREMENTS
Figure 22. 144 MHz Harmonics @ 1 kW
H2
H3
H4
H5
--42 dB
--33 dB
--37 dB
--39 dB
144 MHz, 1 kW
1.018 kW
144.00000000 MHz
--42.07 dB
144.00501002 MHz
--32.87 dB
288.00501002 MHz
--37.26 dB
432.00501002 MHz
--38.89 dB
576.00501002 MHz
B
1[T1]
1[T1]
2[T1]
3[T1]
4[T1]
1
2
3
4
1
Ref Lvl
1.5 E 04 W
Marker 1 [T1]
1.018
144.00000000
RBW
VBW
SWT
3MHz
3MHz
5ms
RF Att
Unit
10 dB
W
77.7 dB Offset
1VIEW
1SA
EXT
kW
MHz
Center 525 MHz
95 MHz/
Span 950 MHz
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com