Electronic Components Datasheet Search
  English  ▼

X  

AP4305 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AP4305
Description  USB Lithium-Ion Battery Charge Control IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4305 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AP4305 Datasheet HTML 17Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 18Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 19Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 20Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 21Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 22Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 23Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 24Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
[AP4305]
Rev 0.5.0
21
The timing chart is shown below.
SDA
SCL
tBUF
tHD:SDA
tLOW tR
tHIGH
tF
tHD:DAT
tSU:DAT
tSU:STA
tSP
tSU:STO
Stop
Start
Start
Stop
VIH
VIH
VIL
VIL
SCL
1/Fscl
VIH
VIL
Figure 7. Timing chart of I2C interface
6.1.1.
Write Sequence
One-byte and multiple-byte write sequences are supported.
When the device receives its own slave address and the W bit after receiving a Start condition, it handles the
second byte as a register address and the third and following bytes as write data. When the device receives a
Stop condition after the assertion of Acknowledge in the third byte, the communication is terminated. (1-byte
write sequence). When the device receives the fourth and following bytes without receiving a Stop condition, it
automatically increments the register address in increments of one and writes the received data to the register.
The device continues writing the received data until it receives a Stop condition. (Multiple-byte write
sequence)
If the register address reaches the final address in the middle of a multiple-byte write sequence, the next
received data will be written in the address zero.
(1) 1 byte write sequence (Register Address=N)
S
W
Slave Address
A
A
Register
Address(N)
Data(N)
A P
(2) M byte write sequence (Register Address=N)
Data(N+1)
S
W
Slave Address
A
A
Register
Address(N)
Data(N)
A
A
Data(N+M-1)
A P
: Driven by master device
: Driven by AP4305
The meaning of each symbol is as follows.
S: Start condition
RS: Repeat Start condition
A: Acknowledge
NA: Non Acknowledge
P: Stop condition
R: Read bit (= 1)
W: Write bit (= 0)
Register Address (N): Register Address = address N
Data (N): Write/Read data in address N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com