Electronic Components Datasheet Search
  English  ▼

X  

AP4305 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP4305
Description  USB Lithium-Ion Battery Charge Control IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4305 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP4305 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 14Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 15Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 16Page - Asahi Kasei Microsystems AP4305 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
[AP4305]
Rev 0.5.0
13
Figure 4. Flowchart of charge
Non connection
Connected
Stop Charge
TBAT ≤ TLOW or TBAT ≥ THIGH
VBAT ≥VTRKL
Battery Voltage
Drop
Trickle Charge 1
Time out
VBAT < VCC
Expire Extended Charge Time
Non battery
Connection
VBAT ≥ VCC
Maintain the battery
voltage value before
fast charge as VBOF.
VBAT < VTRKL
VBAT ≥VTRKL and VBOF<VRECH
VBAT < VCC
VBAT < VCC
VBAT < VRECH
Canceled stop charge condition
(Note) Can select non extended charge at the time of factory shipment
CHGEN bit = ”1” and
CHG_ENB pin = Low
To Charge
Enable Check
Prohibit
Charge
VBAT ≥ VCC and
VBOF ≥ VRECH
CHGEN bit = ”0” or
CHG_ENB pin = High
CHGEN bit = ”0” or
CHG_ENB pin = High
CHGEN bit = ”0” or
CHG_ENB pin = High
Trickle Charge 2
Time out
ICHG < IEOC in CV mode or
Time out
TBAT ≥ TLOW and TBAT ≤ THIGH
Detect Charge Protection
• Thermal Shut Down
• Irregular BatteryTemp.
• No connected Battery
Detect VOUT over voltage
Detect Battery over voltage
Detect Battery over current
ICHG < Ieoc in CV mode or
Time out
Battery Temp.
Check
Trickle Charge 1
Trickle Charge 2
Trickle Charge
Check
Fast Charge
Full Charge
Voltage Check
Extended Charge
(Note)
End of Charge
Recharge
USB Charge Port
Detection
Charge Enable Check
Primary side power
supply Detection
Battery Connection
Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com