Electronic Components Datasheet Search
  English  ▼

X  

CAT3604 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT3604 Datasheet HTML 3Page - ON Semiconductor CAT3604 Datasheet HTML 4Page - ON Semiconductor CAT3604 Datasheet HTML 5Page - ON Semiconductor CAT3604 Datasheet HTML 6Page - ON Semiconductor CAT3604 Datasheet HTML 7Page - ON Semiconductor CAT3604 Datasheet HTML 8Page - ON Semiconductor CAT3604 Datasheet HTML 9Page - ON Semiconductor CAT3604 Datasheet HTML 10Page - ON Semiconductor CAT3604 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT3604
http://onsemi.com
7
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, EN = VIN, CIN = COUT = 1 mF, RSET = 24 kW, TAMB = 25°C, unless otherwise specified.)
Figure 9. Ground Current vs. Input Voltage
(1.5x Mode)
Figure 10. Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
1
3
4
5
4.2
4.0
3.6
3.2
3.0
0
40
60
80
100
Figure 11. Oscillator Frequency vs. Input
Voltage
Figure 12. Oscillator Frequency vs.
Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0.90
0.95
1.00
1.05
1.10
100
80
40
0
−40
0.90
0.95
1.00
1.05
1.10
Figure 13. Output Resistance vs. Input Voltage
(1x Mode)
Figure 14. Output Resistance vs. Input Voltage
(1.5x Mode)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
1
2
3
4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
2
4
6
8
10
2
VIN = 3.6 V
all LEDs open
20
4 LEDs at 15 mA
3.4
3.8
1.5x Mode
1x Mode
4 LEDs at 20 mA
60
20
−20
VIN = 3.6 V
4 LEDs at 15 mA
100 mA load
100 mA load
25 mA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com