Electronic Components Datasheet Search
  English  ▼

X  

CAT3604 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT3604
Description  4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT3604 Datasheet HTML 3Page - ON Semiconductor CAT3604 Datasheet HTML 4Page - ON Semiconductor CAT3604 Datasheet HTML 5Page - ON Semiconductor CAT3604 Datasheet HTML 6Page - ON Semiconductor CAT3604 Datasheet HTML 7Page - ON Semiconductor CAT3604 Datasheet HTML 8Page - ON Semiconductor CAT3604 Datasheet HTML 9Page - ON Semiconductor CAT3604 Datasheet HTML 10Page - ON Semiconductor CAT3604 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT3604
http://onsemi.com
8
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, EN = VIN, CIN = COUT = 1 mF, RSET = 24 kW, TAMB = 25°C, unless otherwise specified.)
Figure 15. Switching Waveforms in 1.5x Mode
Figure 16. Operating Waveforms in 1x Mode
500 nsec/div
500 nsec/div
Current
Input
50mV/
VIN
50mV/div
VOUT
Input
50mV/div
VIN
Figure 17. Power Up 4 LEDs at 15 mA,
Vin = 3 V (1.5x Mode)
Figure 18. Power Up 4 LEDs at 15 mA,
Vin = 3.6 V (1x Mode)
500 msec/div
500 msec/div
2V/div
VOUT
2V/div
EN
2V/div
VOUT
100mA/div
Input
2V/div
EN
Figure 19. LED Current vs. RSET
Figure 20. Line Transient Response
in 1x Mode
RSET (kW)
200 msec/div
1000
100
10
1
10
100
2V/div
VOUT
5mA/div
LED Current
1V/div
3.6V to 4.9V
Vin
10mA/
Input
Current
100mA/
div
AC coupled
AC coupled
AC coupled
Current
10mA/div
AC coupled
AC coupled
AC coupled
AC coupled
VOUT
50mV/
div
div
div
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com