Electronic Components Datasheet Search
  English  ▼

X  

VLMC310 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMC310
Description  Low Current SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMC310 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMC310 Datasheet HTML 1Page - Vishay Siliconix VLMC310 Datasheet HTML 2Page - Vishay Siliconix VLMC310 Datasheet HTML 3Page - Vishay Siliconix VLMC310 Datasheet HTML 4Page - Vishay Siliconix VLMC310 Datasheet HTML 5Page - Vishay Siliconix VLMC310 Datasheet HTML 6Page - Vishay Siliconix VLMC310 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VLMC310.
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 30-Apr-13
3
Document Number: 81649
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 5 - Relative Luminous Intensity vs. Forward Current/Duty Cycle
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
2
4
6
8
10
95 10842
100
80
60
40
20
0
T
amb - Ambient Temperature (°C)
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
02
0.1
1
10
100
4
green
tp/T = 0.001
tp= 10 µs
13
5
0
0
0.4
0.8
1.2
1.6
95 10057
20
40
60
80
100
Tamb - Ambient Temperature (°C)
green
IF = 2 mA
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
16486
500
2.0
green
1
0.5
0.2
0.05
0.02 tp/T
IF/mA
0.1
0.1
1
10
0.01
0.1
1
10
100
100
95 10059
IF - Forward Current (mA)
green



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com