Electronic Components Datasheet Search
  English  ▼

X  

VLMC310 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLMC310
Description  Low Current SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMC310 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMC310 Datasheet HTML 1Page - Vishay Siliconix VLMC310 Datasheet HTML 2Page - Vishay Siliconix VLMC310 Datasheet HTML 3Page - Vishay Siliconix VLMC310 Datasheet HTML 4Page - Vishay Siliconix VLMC310 Datasheet HTML 5Page - Vishay Siliconix VLMC310 Datasheet HTML 6Page - Vishay Siliconix VLMC310 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VLMC310.
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 30-Apr-13
4
Document Number: 81649
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Intensity vs. Wavelength
PACKAGE DIMENSIONS in millimeters
520
540
560
580
600
0
0.2
0.4
0.6
0.8
1.2
620
95 10038
λ - Wavelength (nm)
1.0
green
20541
Mounting Pad Layout
1.2
1.6 (1.9)
4
area covered with
solder resist
3.5 ± 0.2
3 + 0.15
CA
Pin identification
Ø 2.4
technical drawings
according to DIN
specifications
Drawing-No.: 6.541-5067.01-4
Issue: 5; 04.11.08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com