Electronic Components Datasheet Search
  English  ▼

X  

MAX988ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX988ESA
Description  High-Speed, Micropower, Low-Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX988ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX988ESA Datasheet HTML 5Page - Maxim Integrated Products MAX988ESA Datasheet HTML 6Page - Maxim Integrated Products MAX988ESA Datasheet HTML 7Page - Maxim Integrated Products MAX988ESA Datasheet HTML 8Page - Maxim Integrated Products MAX988ESA Datasheet HTML 9Page - Maxim Integrated Products MAX988ESA Datasheet HTML 10Page - Maxim Integrated Products MAX988ESA Datasheet HTML 11Page - Maxim Integrated Products MAX988ESA Datasheet HTML 12Page - Maxim Integrated Products MAX988ESA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
PACKAGE OUTLINE, 8L uMAX/uSOP
1
1
21-0036
J
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
MAX
0.043
0.006
0.014
0.120
0.120
0.198
0.026
0.007
0.037
0.0207 BSC
0.0256 BSC
A2
A1
c
e
b
A
L
FRONT VIEW
SIDE VIEW
E
H
0.6±0.1
0.6±0.1
Ø0.50±0.1
1
TOP VIEW
D
8
A2
0.030
BOTTOM VIEW
1
6°
S
b
L
H
E
D
e
c
0°
0.010
0.116
0.116
0.188
0.016
0.005
8
4X S
INCHES
-
A1
A
MIN
0.002
0.95
0.75
0.5250 BSC
0.25
0.36
2.95
3.05
2.95
3.05
4.78
0.41
0.65 BSC
5.03
0.66
6°
0°
0.13
0.18
MAX
MIN
MILLIMETERS
-
1.10
0.05
0.15
α
α
DIM
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)
Revision History
Pages changed at Rev 2: 1–6, 8–13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com