Electronic Components Datasheet Search
  English  ▼

X  

MAX988ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX988ESA
Description  High-Speed, Micropower, Low-Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX988ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX988ESA Datasheet HTML 1Page - Maxim Integrated Products MAX988ESA Datasheet HTML 2Page - Maxim Integrated Products MAX988ESA Datasheet HTML 3Page - Maxim Integrated Products MAX988ESA Datasheet HTML 4Page - Maxim Integrated Products MAX988ESA Datasheet HTML 5Page - Maxim Integrated Products MAX988ESA Datasheet HTML 6Page - Maxim Integrated Products MAX988ESA Datasheet HTML 7Page - Maxim Integrated Products MAX988ESA Datasheet HTML 8Page - Maxim Integrated Products MAX988ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Typical Operating Characteristics
(VCC = +5V, VCM = 0V, TA = +25°C, unless otherwise noted.)
30
40
50
60
70
80
90
-60
-20
-40
0
20
40
60
80
100
SUPPLY CURRENT PER COMPARATOR
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.5.V
VCC = 2.5.V
VIN+ > VIN-
1000
10
0.01
0.1
1
10
100
1000 10,000
SUPPLY CURRENT PER COMPARATOR
vs. OUTPUT TRANSITION FREQUENCY
OUTPUT TRANSITION FREQUENCY (kHz)
100
VCC = 2.5V
VCC = 5.5V
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
4
_______________________________________________________________________________________
10,000
1
0.01
0.1
1
10
100
OUTPUT LOW VOLTAGE
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
10
100
1000
VIN+ < VIN-
VCC = 2.7V
VCC = 5.0V
120
0
-60
100
OUTPUT SHORT-CIRCUIT
CURRENT vs. TEMPERATURE
20
10
90
80
110
100
TEMPERATURE (°C)
-40
-20
0
20
406080
70
60
50
40
30
VCC = 5.0V
VCC = 2.7V
1.1
-0.3
-60
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
-0.1
0.7
0.9
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
0.5
0.3
0.1
10,000
0.1
0.01
0.1
110
100
OUTPUT HIGH VOLTAGE
vs. OUTPUT SOURCE CURRENT
1
OUTPUT SOURCE CURRENT (mA)
10
100
1000
VIN+ > VIN-
VCC = 5.0V
VCC = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com